Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1085V-L-2-85 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP1085V-L-2-85
Description  3A Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1085V-L-2-85 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP1085V-L-2-85 Datasheet HTML 4Page - Sipex Corporation SP1085V-L-2-85 Datasheet HTML 5Page - Sipex Corporation SP1085V-L-2-85 Datasheet HTML 6Page - Sipex Corporation SP1085V-L-2-85 Datasheet HTML 7Page - Sipex Corporation SP1085V-L-2-85 Datasheet HTML 8Page - Sipex Corporation SP1085V-L-2-85 Datasheet HTML 9Page - Sipex Corporation SP1085V-L-2-85 Datasheet HTML 10Page - Sipex Corporation SP1085V-L-2-85 Datasheet HTML 11Page - Sipex Corporation SP1085V-L-2-85 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Date: 7/24/06 Rev H
SP085 3A Low Dropout Linear Regulator
© 2006 Sipex Corporation
Figure 2. Line Transient Response
typical Performance characteristics (continued)
Figure 3. Typical Applications of SP085
SP1085-ADJ
V
IN
V
OUT
ADJ
V
IN
10 F
Tantalum
120
R2
22 F
Tantalum
+
+
+
+
V
IN
SP1085-5.0
V
IN
V
OUT
GND
10 F
Tantalum
22 F
Tantalum
V
OUT
V
OUT
R1
V
OUT=VREF* (+R2/R) + IADJ * R2
typical Application
APPLicAtion infoRmAtion


Similar Part No. - SP1085V-L-2-85

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SP1080L GXELECTRONICS-SP1080L Datasheet
572Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
SP1084V-L SIPEX-SP1084V-L Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
SP1084V-L-2-5 SIPEX-SP1084V-L-2-5 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
SP1084V-L-2-85 SIPEX-SP1084V-L-2-85 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
More results

Similar Description - SP1085V-L-2-85

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com