Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5953D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5953D
Description  IEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5953D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5953D Datasheet HTML 6Page - Maxim Integrated Products MAX5953D Datasheet HTML 7Page - Maxim Integrated Products MAX5953D Datasheet HTML 8Page - Maxim Integrated Products MAX5953D Datasheet HTML 9Page - Maxim Integrated Products MAX5953D Datasheet HTML 10Page - Maxim Integrated Products MAX5953D Datasheet HTML 11Page - Maxim Integrated Products MAX5953D Datasheet HTML 12Page - Maxim Integrated Products MAX5953D Datasheet HTML 13Page - Maxim Integrated Products MAX5953D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
IEEE 802.3af PD Interface and PWM Controllers
with Integrated Power MOSFETs
10
______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1, 2, 3, 5, 7, 12, 13, 14, 17,
19, 35, 38, 46, 47, 48
N.C.
No Connection. Not internally connected. Make no electrical connection to these pins.
4
V+
Positive Input Power. Referenced to VEE.
6
(MAX5953A/MAX5953C)
UVLO
Undervoltage Lockout Programming Input for PD Interface. UVLO is referenced to VEE.
When UVLO is above its threshold, the device enters the power mode. Connect UVLO to
VEE to use the default undervoltage lockout threshold. Connect UVLO to the center of an
external resistor-divider between V+ and VEE to define a threshold externally. The series
resistance value of the external resistors must add to 25.5k
Ω (±1%) and replaces the
detection resistor. To keep the device in undervoltage lockout, drive UVLO between
VTH,G,UVLO and VREF,UVLO.
6
(MAX5953B/MAX5953D)
N.C.
No Connection. Not internally connected. Make no electrical connection to this pin.
8
RCLASS
Classification Setting for PD Interface. RCLASS is referenced to VEE. Add a resistor from
RCLASS to VEE to set a PD class (see Tables 1 and 2).
9
GATE
Gate of Internal Isolation n-Channel Power MOSFET. GATE is referenced to VEE. GATE
sources 10µA when the device enters power mode. Connect an external 100V ceramic
capacitor from GATE to OUT to program the inrush current. Drive GATE to VEE to turn off
the internal MOSFET. The detection and classification functions operate normally when
GATE is driven to VEE.
10, 11
VEE
Negative Input Power. Source of the integrated isolation n-channel power MOSFET.
15, 16
OUT
Output Voltage. OUT is referenced to VEE. OUT is connected to the drain of the integrated
isolation n-channel power MOSFET. Connect OUT to GND.
18
(MAX5953A/MAX5953B)
PGOOD
Active-High, Open-Drain Power-Good Indicator Output for PD Interface. PGOOD is
referenced to OUT. PGOOD goes high impedance when VOUT is within 1.2V of VEE and
when VGATE is 5V above VEE. Otherwise, PGOOD is internally pulled to OUT (given that
VOUT is at least 5V below V+). PGOOD can be connected directly to CSS or DCUVLO to
enable/disable the DC-DC converter.
18
(MAX5953C/MAX5953D)
PGOOD
Active-Low, Open-Drain Power-Good Indicator Output for PD Interface.
PGOOD is
referenced to VEE. PGOOD is pulled to VEE when VOUT is within 1.2V of VEE and when
VGATE is 5V above VEE. Otherwise, PGOOD goes high impedance.
20
CS
Current-Sense Input for PWM Controller. CS is referenced to PGND. The current-limit
threshold is internally set to 156mV relative to PGND. The device has an internal noise filter.
If necessary, connect an external RC filter from CS to PGND for additional filtering.
21
PPWM
PWM Pulse Output. Referenced to GND. PPWM leads the internal power MOSFET pulse by
approximately 100ns.
22
GND
Signal Ground of PWM Controller. Connect GND to PGND.
23
PGND
Power Ground of the DC-DC Converter Power Stage. Connect PGND to GND.
24
CSS
Soft-Start Timing Capacitor Connection for PWM Controller. CSS is referenced to GND.
Connect a 0.01µF or greater ceramic capacitor from CSS to GND. Connect to PGOOD to
automatically enable the PWM controller from the PD interface.


Similar Part No. - MAX5953D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5950ETJ MAXIM-MAX5950ETJ Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5951ETJ MAXIM-MAX5951ETJ Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
More results

Similar Description - MAX5953D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
STMicroelectronics
STEVAL-TSP005V2 STMICROELECTRONICS-STEVAL-TSP005V2 Datasheet
298Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
logo
Linear Technology
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
STMicroelectronics
STEVAL-TSP006V2 STMICROELECTRONICS-STEVAL-TSP006V2 Datasheet
320Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com