Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12040 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC12040
Description  Phase-Frequency Detector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12040 Datasheet(HTML) 3 Page - Motorola, Inc

  MC12040 Datasheet HTML 1Page - Motorola, Inc MC12040 Datasheet HTML 2Page - Motorola, Inc MC12040 Datasheet HTML 3Page - Motorola, Inc MC12040 Datasheet HTML 4Page - Motorola, Inc MC12040 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC12040
3
MOTOROLA RF/IF DEVICE DATA
Figure 1. AC Tests
NOTES:
1 All input and output cables to the scope are equal lengths of 50
coaxial cable.
2 Unused input and outputs are connected to a 50
Ω resistor to
ground.
3 The device under test must be preconditioned before performing
the ac tests. Preconditioning may be accomplished by applying
pulse generator 1 for a minimum of two pulses prior to pulse gen-
erator 2. The device must be preconditioned again when inputs to
pins 6 and 9 are interchanged. The same technique applies.
50%
Pulse
Gen 1
6
R
9
V
U
4
D
12
D
11
U
3
Pulse
Gen 1
Pulse
Gen 2
PRF = 5.0MHz
Duty Cycle = 50%
t+ = t– = 1.5ns
±0.2ns
To Scope Channel A
To Scope Channel B
7
VEE = –3.2 or –3.0V
0.1
µF
5.0
µF
0.1
µF
VCC = +2.0V
114
Pulse
Gen 2
Output
Waveform A
Output
Waveform B
50%
50%
50%
10%
90%
10%
90%
80%
20%
20%
80%
+1.1V
+1.1V
+0.3V
+0.3V
t+
t–
t+
t–
t+
t–
t–
t+
20ns
t+–
t++
t++
t+–
Pi
MC12040
TEST VOLTAGES/WAVEFORMS
Pi
0
°C
25
°C
85
°C
APPLIED TO PINS LISTED
Symbol
Characteristic
Pin
Under
Test
Output
Waveform
Max
Max
Max
Unit
Pulse
Gen 1
Pulse
Gen 2
VEE
–3.0 or
–3.2V
VCC
+2.0V
t6+4+
t6+12+
t6+3–
t6+11–
t9+11+
t9+3+
t9+12–
t9+4–
Propagation Delay
6,4
6,12
6,3
6,11
9,11
9,3
9,12
9,4
B
A
A
B
B
A
A
B
4.6
6.0
4.5
6.4
4.6
6.0
4.5
6.4
4.6
6.0
4.5
6.4
4.6
6.0
4.5
6.4
5.0
6.6
4.9
7.0
5.0
6.6
4.9
7.0
ns
6
9
6
9
9
6
9
6
9
6
9
6
6
9
6
9
7
1,14
t3+
t4+
t11+
t14+
Output Rise Time
3
4
11
14
A
B
B
A
3.4
3.4
3.8
ns
6
6
9
9
9
9
6
6
7
1,14
t3–
t4–
t11–
t14–
Output Fall Time
3
4
11
14
A
B
B
A
3.4
3.4
3.8
ns
6
6
9
9
9
9
6
6
7
1,14


Similar Part No. - MC12040

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC12040FN LANSDALE-MC12040FN Datasheet
2Mb / 5P
   Phase-Frequency Detector
MC12040FN LANSDALE-MC12040FN Datasheet
357Kb / 5P
   Phase?밊requency Detector
MC12040P LANSDALE-MC12040P Datasheet
2Mb / 5P
   Phase-Frequency Detector
MC12040P LANSDALE-MC12040P Datasheet
357Kb / 5P
   Phase?밊requency Detector
More results

Similar Description - MC12040

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
   Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
   Phase-Frequency Detector
logo
ON Semiconductor
MCK1214 ONSEMI-MCK1214 Datasheet
49Kb / 4P
   Phase-Frequency Detector
April, 2004 ??Rev. 7
MCH12140 ONSEMI-MCH12140_06 Datasheet
130Kb / 5P
   Phase-Frequency Detector
July, 2006 ??Rev. 9
logo
Agere Systems
LUCDA4044 AGERE-LUCDA4044 Datasheet
210Kb / 6P
   Phase Frequency Detector
logo
Motorola, Inc
MC4344 MOTOROLA-MC4344 Datasheet
1Mb / 18P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML12040 LANSDALE-ML12040 Datasheet
86Kb / 1P
   PHASE FREQUENCY DETECTOR
logo
ON Semiconductor
MC100LVEL40 ONSEMI-MC100LVEL40 Datasheet
72Kb / 3P
   Phase-Frequency Detector
1997 REV 0
logo
LANSDALE Semiconductor ...
ML4044 LANSDALE-ML4044_08 Datasheet
7Mb / 5P
   Phase Frequency Detector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com