Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13281BP Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC13281BP
Description  80/100 MHz Video Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13281BP Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC13281BP Datasheet HTML 4Page - Motorola, Inc MC13281BP Datasheet HTML 5Page - Motorola, Inc MC13281BP Datasheet HTML 6Page - Motorola, Inc MC13281BP Datasheet HTML 7Page - Motorola, Inc MC13281BP Datasheet HTML 8Page - Motorola, Inc MC13281BP Datasheet HTML 9Page - Motorola, Inc MC13281BP Datasheet HTML 10Page - Motorola, Inc MC13281BP Datasheet HTML 11Page - Motorola, Inc MC13281BP Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC13280AY MC13281A/B
11
MOTOROLA ANALOG IC DEVICE DATA
P SUFFIX
PLASTIC PACKAGE
CASE 724–03
ISSUE D
OUTLINE DIMENSIONS
NOTES:
1. CHAMFERED CONTOUR OPTIONAL.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
4. CONTROLLING DIMENSION: INCH.
–A–
–B–
24
13
12
1
–T–
SEATING
PLANE
24 PL
K
E
F
N
C
D
G
M
A
M
0.25 (0.010)
T
24 PL
J
M
B
M
0.25 (0.010)
T
L
M
NOTE 1
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.230
1.265
31.25
32.13
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.020
0.38
0.51
E
0.050 BSC
1.27 BSC
F
0.040
0.060
1.02
1.52
G
0.100 BSC
2.54 BSC
J
0.007
0.012
0.18
0.30
K
0.110
0.140
2.80
3.55
L
0.300 BSC
7.62 BSC
M
0
15
0
15
N
0.020
0.040
0.51
1.01
_
___
P SUFFIX
PLASTIC PACKAGE
CASE 738–03
ISSUE E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
M
L
J 20 PL
M
B
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
25.66
27.17
1.010
1.070
B
6.10
6.60
0.240
0.260
C
3.81
4.57
0.150
0.180
D
0.39
0.55
0.015
0.022
G
2.54 BSC
0.100 BSC
J
0.21
0.38
0.008
0.015
K
2.80
3.55
0.110
0.140
L
7.62 BSC
0.300 BSC
M
0
15
0
15
N
0.51
1.01
0.020
0.040
__
__
E
1.27
1.77
0.050
0.070
1
11
10
20
–A–
SEATING
PLANE
K
N
F
G
D 20 PL
–T–
M
A
M
0.25 (0.010)
T
E
B
C
F
1.27 BSC
0.050 BSC


Similar Part No. - MC13281BP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13282A MOTOROLA-MC13282A Datasheet
268Kb / 12P
   100 MHz VIDEO PROCESSOR WITH OSD INTERFACE
MC13282AP MOTOROLA-MC13282AP Datasheet
268Kb / 12P
   100 MHz VIDEO PROCESSOR WITH OSD INTERFACE
MC13283 MOTOROLA-MC13283 Datasheet
58Kb / 2P
   130 MHz VIDEO PROCESSOR WITH OSD INTERFACE
MC13283P MOTOROLA-MC13283P Datasheet
58Kb / 2P
   130 MHz VIDEO PROCESSOR WITH OSD INTERFACE
More results

Similar Description - MC13281BP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13282A MOTOROLA-MC13282A Datasheet
268Kb / 12P
   100 MHz VIDEO PROCESSOR WITH OSD INTERFACE
logo
Elantec Semiconductor
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
   Triple 80 MHz Video Amplifier w/Disable
logo
Analog Devices
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
logo
Motorola, Inc
MC13283 MOTOROLA-MC13283 Datasheet
58Kb / 2P
   130 MHz VIDEO PROCESSOR WITH OSD INTERFACE
logo
Siemens Semiconductor G...
SDA5248 SIEMENS-SDA5248 Datasheet
2Mb / 65P
   VIDEO PROCESSOR
logo
Analog Devices
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com