Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK4120 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLK4120
Description  QUAD 0.5 to 1.3 Gbps TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK4120 Datasheet(HTML) 1 Page - Texas Instruments

  TLK4120 Datasheet HTML 1Page - Texas Instruments TLK4120 Datasheet HTML 2Page - Texas Instruments TLK4120 Datasheet HTML 3Page - Texas Instruments TLK4120 Datasheet HTML 4Page - Texas Instruments TLK4120 Datasheet HTML 5Page - Texas Instruments TLK4120 Datasheet HTML 6Page - Texas Instruments TLK4120 Datasheet HTML 7Page - Texas Instruments TLK4120 Datasheet HTML 8Page - Texas Instruments TLK4120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TLK4120
QUAD 0.5 to 1.3 Gbps TRANSCEIVER
SLLS599C − DECEMBER 2003 − REVISED JULY 2006
1
WWW.TI.COM
D Hot Plug Protection
D Quad 0.5 to 1.3 Gigabits Per Second (Gbps)
Serializer/Deserializer
D Independent Channel Operation
D 2.5-V Power Supply for Low Power
Operation
D Selectable Signal Preemphasis for Serial
Output
D Interfaces to Backplane, Copper Cables, or
Optical Converters
D Lock Indication and Sync Mode for Fast
Initialization
D 18-Bit Parallel Buses for Flexible Interface
Applications
D On-chip PLL Provides Clock Synthesis
From Low-Speed Reference
D Receiver Differential Input Thresholds
200 mV Min
D Rated for Industrial Temperature Range
D Typical Power: 1150 mW at 1.3 Gbps
D Ideal for High-Speed Backplane
Interconnect and Point-to-Point Data Link
D Internal Passive Receive Equalization
D Small Footprint 19 mm x 19 mm, 289-Ball
PBGA Package
description
The TLK4120 is a four channel, multi-gigabit transceiver used in high-speed bidirectional point-to-point data
transmission systems. The TLK4120 supports an effective serial interface speed of 0.5 Gbps to 1.3 Gbps per
channel, providing up to 1.17 Gbps of data bandwidth per channel.
The primary application of the TLK4120 is to provide high-speed I/O data channels for point-to-point baseband
data transmission over controlled impedance media of approximately 50
Ω. The transmission media can be a
printed-circuit board, copper cables, or fiber-optic cable. The maximum rate and distance of data transfer is
dependent upon the attenuation characteristics of the media and the noise coupling to the environment.
The TLK4120 can also be used to replace parallel data transmission architectures by providing a reduction in
the number of traces, connector pins, and transmit/receive pins. Parallel data loaded into the transmitter is
delivered to the receiver over a serial channel, which can be a coaxial copper cable, a controlled impedance
backplane, or an optical link. The data is then reconstructed into its original parallel format. It offers significant
power and cost savings over current solutions, as well as scalability for higher data rate in the future.
The TLK4120 performs the data parallel-to-serial, serial-to-parallel conversion, and clock extraction functions
for a physical layer interface device. The serial transceiver interface operates at a maximum speed of 1.3 Gbps.
The transmitter latches 18-bit parallel data at a rate based on the supplied reference clock (GTx_CLK). The
18-bit parallel data is internally encoded into 20 bits by framing the 18-bit data with a start and a stop bit. The
resulting 20-bit frame is then transmitted differentially at 20 times the reference clock (GTx_CLK) rate. The
receiver section performs the serial-to-parallel conversion on the input data, synchronizing the resulting 20-bit
wide parallel data to the recovered clock (Rx_CLK). It then extracts the 18 bits of data from the 20-bit wide data
resulting in 18 bits of parallel data at the receive data terminals (RDx[0:17]). This results in an effective data
payload of 0.45 Gbps to 1.17 Gbps (18 bits data x GTx_CLK frequency).
The TLK4120 is designed to be hot plug capable. An on-chip power-on reset circuit holds the Rx_CLK low and
places the parallel side output signal terminals, DOUTTxP and DOUTTxN, into a high-impedance state during
power up.
The TLK4120 uses a 2.5-V supply. The I/O section is 3-V compatible. With the 2.5-V supply, the TLK4120 is
power efficient, consuming less than 1150 mW typically. The TLK4120 is characterized for operation from −40
°C
to 85
°C.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TLK4120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK4015IGPV TI-TLK4015IGPV Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK4015IGPV TI1-TLK4015IGPV Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
TLK4015IZPV TI1-TLK4015IZPV Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
TLK4015 TI1-TLK4015_09 Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
More results

Similar Description - TLK4120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1521IPAP TI1-TLK1521IPAP Datasheet
459Kb / 23P
[Old version datasheet]   500 Mbps to 1.3 Gbps TRANSCEIVER 
TLK1521 TI-TLK1521 Datasheet
321Kb / 19P
[Old version datasheet]   500 Mbps to 1.3 Gbps TRANSCEIVER
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7281 VITESSE-VSC7281 Datasheet
436Kb / 2P
   Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com