Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK4120IZPV Datasheet(PDF) 11 Page - Texas Instruments

Part # TLK4120IZPV
Description  QUAD 0.5 to 1.3 Gbps TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK4120IZPV Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK4120IZPV Datasheet HTML 7Page - Texas Instruments TLK4120IZPV Datasheet HTML 8Page - Texas Instruments TLK4120IZPV Datasheet HTML 9Page - Texas Instruments TLK4120IZPV Datasheet HTML 10Page - Texas Instruments TLK4120IZPV Datasheet HTML 11Page - Texas Instruments TLK4120IZPV Datasheet HTML 12Page - Texas Instruments TLK4120IZPV Datasheet HTML 13Page - Texas Instruments TLK4120IZPV Datasheet HTML 14Page - Texas Instruments TLK4120IZPV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TLK4120
QUAD 0.5 to 1.3 Gbps TRANSCEIVER
SLLS599C − DECEMBER 2003 − REVISED JULY 2006
11
WWW.TI.COM
DISSIPATION RATING TABLE
Air Flow
0 m/s
0.5 m/s
1 m/s
2.5 m/s
TJA (C/W)
18.4
16.92
15.95
14.7
electrical characteristics over recommended operating conditions
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VDD
Supply voltage
2.3
2.5
2.7
V
TA
Operating free-air temperature
−40
85
°C
ICC
Supply current
VDD = 2.5 V, Rate = 500 Mbps, PRBS pattern
180
mA
ICC
Supply current
VDD = 2.5 V, Rate = 1.3 Gbps, PRBS pattern
460
mA
VDD = 2.5 V, Rate = 500 Mbps, PRBS pattern
450
PD
Power dissipation
VDD = 2.5 V, Rate = 1.3 Gbps, PRBS pattern
1150
mW
PD
Power dissipation
VDD = 2.7 V, Rate = 1.3 Gbps, worst case pattern
1900
mW
Shutdown current
ENABLE = 0, VDDA, VDD terminals, VDD = maximum
520
µA
PLL start-up lock time
VDD, VDDA = 2.3 V, EN ↑ to PLL acquire
0.1
0.4
ms
Data acquisition time
1024
bits
reference clock (GTx_CLK) timing requirements over recommended operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R
Frequency
Minimum data rate
TYP−0.01%
25
TYP+0.01%
MHz
Frequency
Maximum data rate
TYP−0.01%
65
TYP+0.01%
MHz
Frequency tolerance
−100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Peak-to-peak
40
ps


Similar Part No. - TLK4120IZPV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK4015IGPV TI-TLK4015IGPV Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK4015IGPV TI1-TLK4015IGPV Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
TLK4015IZPV TI1-TLK4015IZPV Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
TLK4015 TI1-TLK4015_09 Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
More results

Similar Description - TLK4120IZPV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1521IPAP TI1-TLK1521IPAP Datasheet
459Kb / 23P
[Old version datasheet]   500 Mbps to 1.3 Gbps TRANSCEIVER 
TLK1521 TI-TLK1521 Datasheet
321Kb / 19P
[Old version datasheet]   500 Mbps to 1.3 Gbps TRANSCEIVER
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7281 VITESSE-VSC7281 Datasheet
436Kb / 2P
   Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com