Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WIW3269-X-500 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # WIW3269-X-500
Description  Trimmer Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

WIW3269-X-500 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  WIW3269-X-500 Datasheet HTML 1Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
6mm Multiturn
Cermet / Industrial / Sealed
Surface Mount
3 terminal styles (W,X,P)
Electrical Characteristics
Standard Resistance Range
10 to1 Megohms
(see standard resistance table)
Resistance Tolerance:
10% std.
(tighter tolerance available)
Absolute Minimum Resistance
1% or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
3% or 3 ohms max.
(whichever is greater)
Adjustability
Voltage
0.02%
Resistance
0.05%
Resolution:
Infinite
Insulation Resistance
500 Vdc
1,000 megohms min.
Dielectric Strength
101.3 kPa 600Vac
8.5 kPa 250 Vac
Effective Travel:
12 turns nom.
Environmental Characteristics
Power Rating (200 volts max.)
0.25 watt (70
) , 0 watt (125
)
Temperature Range
-55
to +125
Temperature Coefficient
100ppm/
Vibration
98 m/s
2
(1%
TR; 1%
VR)
Shock
390 m/s
2
(1%
TR; 1%
VR)
Load Life
1,000 hours 0.25 watt @ 70
(3%
TR; 4% or 4 ohms,
Whichever is greater , CRV)
Rotational Life
200 cycles
(3%
TR; 4% or 4 ohms,
Whichever is greater , CRV)
Physical Characteristics
Torque
25mN
m max.
Mechanical Stop
Wiper idles.
Terminals
Solderable pins
Standard Packaging
50 pcs. per tube
WIW3269-W
WIW3269-P
WIW3269-X
CLOCKWISE
WIPER
CW
How to order
WIW3269—W—102
Model
Style
Resistance Code
Standard Resistance Table
Resistance
Ohms
Resistance
Code
10
20
50
100
200
500
100
200
500
101
201
501
1,000
2,000
5,000
10,000
20,000
25,000
50,000
102
202
502
103
203
253
503
100,000
200,000
250,000
500,000
1,000,000
104
204
254
504
105
Special resistance available
TCR of shaded areas
250ppm/
Detail Specification: Q/RY261-2000
WIW3269
Trimmer Potentiometer
Sharma Potentiometers
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide Fax:(949)642-7327
Style Code


Similar Part No. - WIW3269-X-500

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WIW3224 SHARMA-WIW3224 Datasheet
517Kb / 1P
   SMD Trimmer Potentiometer
More results

Similar Description - WIW3269-X-500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
   TRIMMER POTENTIOMETER
logo
Sharma Electro Componen...
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
   Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
   Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1029 SHARMA-WIW1029 Datasheet
743Kb / 1P
   Trimmer Potentiometer
WIW3362 SHARMA-WIW3362 Datasheet
709Kb / 1P
   Trimmer Potentiometer
WIW1015 SHARMA-WIW1015 Datasheet
722Kb / 1P
   Trimmer Potentiometer
logo
Dallas Semiconductor
DS1866 DALLAS-DS1866 Datasheet
77Kb / 5P
   Log Trimmer Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com