Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8855-14CL Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FS8855-14CL
Description  500mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8855-14CL Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FS8855-14CL Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8855-14CL Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8855-14CL Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8855-14CL Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8855-14CL Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8855-14CL Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8855-14CL Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8855-14CL Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8855-14CL Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FS8855
500mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
6/13
TD-0405007
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
T
Tyyp
piiccaall O
Op
peerraattiin
ngg C
Ch
haarraacctteerriissttiiccss
(CIN=1.0µF, COUT=3.3µF, TA=+25℃, unless otherwise noted.)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
0
0.5
1
1.5
2
2.5
3
3.5
012
34
56
789
INPUT VOLTAGE (V)
DROPOUT VOLTAGE vs. LOAD CURRENT
0
100
200
300
400
500
600
700
800
900
50
100
150
200
250
300
350
400
450
500
550
600
LOAD CURRENT (mA)
POWER SUPPLY REJECTION RATIO vs.
FREQUENCY
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
1000
FREQUENCY (KHz)
GROUND PIN CURRENT vs. AMBIENT
TEMPERATURE
0
10
20
30
40
50
60
70
80
-40
-30
-20
-10
0
1020
3040
50
6070
80
AMBIENT TEMPERATURE (℃)
Ron vs. LOAD CURRENT
0.80
0.90
1.00
1.10
1.20
1.30
1.40
50
100
150
200
250
300
350
400
450
500
550
600
LOAD CURRENT (mA)
GND PIN CURRENT vs. LOAD CURRENT
54
56
58
60
62
64
66
68
1
100
200
300
400
500
600
LOAD CURRENT (mA)
250mA
100mA
1mA
500mA
*EX:Model FS8855-33Cx


Similar Part No. - FS8855-14CL

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS8855-15GI FORTUNE-FS8855-15GI Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-15GL FORTUNE-FS8855-15GL Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-18GI FORTUNE-FS8855-18GI Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-18GL FORTUNE-FS8855-18GL Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
More results

Similar Description - FS8855-14CL

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
   500mA LDO Linear Voltage Regulator
VER 1.2
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902D MAXIM-MAX38902D Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
Monolithic Power System...
EV2005DD-01B MPS-EV2005DD-01B Datasheet
443Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
EV8904DD-00A MPS-EV8904DD-00A Datasheet
226Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com