Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD2560P Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ISD2560P
Description  Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ISD2560P Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ISD2560P Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD2560P Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD2560P Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD2560P Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD2560P Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD2560P Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD2560P Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD2560P Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD2560P Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1–84
Product Data Sheets
ISD2500 Series
-1
specification. The frequency is then maintained to
a variation of
±2.25% over the entire commercial
temperature and operating voltage ranges. The
internal clock has a
±5% tolerance over the indus-
trial temperature and voltage range. A regulated
power supply is recommended for industrial tem-
perature range parts. If greater precision is
required, the device can be clocked through the
XCLK pin as follows:
These recommended clock rates should not be
varied because the antialiasing and smoothing fil-
ters are fixed, and aliasing problems can occur if
the sample rate differs from the one recom-
mended. The duty cycle on the input clock is not
critical, as the clock is immediately divided by two.
IF THE XCLK IS NOT USED
, THIS INPUT MUST BE CON-
NECTED TO GROUND
.
Speaker Outputs (SP+/SP-)
All devices in the ISD2500 Series include an on-
chip differential speaker driver, capable of driving
50 milliwatts into 16
Ω from AUX IN (12.2 mW from
memory).
The speaker outputs are held at VSSA levels during
record and power down. It is therefore not possible
to parallel speaker outputs of multiple ISD2500
devices or the outputs of other speaker drivers.
NOTE
Connection of speaker outputs in parallel
may cause damage to the device.
A single output may be used alone (including a
coupling capacitor between the SP pin and the
speaker). These outputs may be used individually
with the output signal taken from either pin. Using
the differential outputs results in a 4:1 improve-
ment in output power.
NOTE
Never ground or drive an unused speaker
output.
Auxiliary Input (AUX IN)
The Auxiliary Input is multiplexed through to the
output amplifier and speaker output pins when CE
is HIGH, P/R is HIGH, and Playback is currently
not active or if the device is in Playback overflow.
When cascading multiple ISD2500 devices, the
AUX IN pin is used to connect a Playback signal
from a following device to the previous output
speaker drivers. For noise considerations, it is sug-
gested that the auxiliary input not be driven when
the storage array is active.
Address/Mode Inputs (Ax/Mx)
The Address/Mode Inputs have two functions
depending on the level of the two Most Significant
Bits (MSB) of the address (A8 and A9 for the
ISD256075/90/120 devices, and A7 and A8 for the
ISD2532/40/48/64* devices).
If either or both of the two MSBs are LOW, the
inputs are ALL interpreted as address bits and are
used as the start address for the current Record or
Playback cycle. The address pins are inputs only
and do not output internal address information as
the operation progresses. Address inputs are
latched by the falling edge of CE.
If both MSBs are HIGH, the Address/Mode Inputs
are interpreted as Mode bits according to the
Operational Mode table on page 1-85. There are
six operational modes (M0..M6) available as indi-
Part
Number
Sample Rate
Required Clock
ISD2560
8.0 KHz
1024 KHz
ISD2575
6.4 KHz
819.2 KHz
ISD2590
5.3 KHz
682.7 KHz
ISD25120
4.0 KHz
512 KHz
ISD2532*
8.0 KHz
1024 KHz
ISD2540*
6.4 KHz
819.2 KHz
ISD2548*
5.3 KHz
682.7 KHz
ISD2564*
4.0 KHz
512 KHz
* Advance information: ISD2532/40/48/64 devices.


Similar Part No. - ISD2560P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD2560P ETC1-ISD2560P Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD2560PI ETC1-ISD2560PI Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
More results

Similar Description - ISD2560P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD33060 ETC-ISD33060 Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
logo
Winbond
ISD2532 WINBOND-ISD2532 Datasheet
1Mb / 42P
   SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1600B NUVOTON-ISD1600B Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com