Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD2590S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ISD2590S
Description  Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ISD2590S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ISD2590S Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD2590S Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD2590S Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD2590S Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD2590S Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD2590S Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD2590S Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD2590S Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD2590S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Product Data Sheets
ISD2500 Series
1–83
1
SSD
SSA
OVF
CE
PD
EOM
XCLK
P/R
V
NC
NC
A0/M0
A1/M1
A2/M2
A3/M3
A4/M4
A5/M5
A6/M6
ANA OUT
ANA IN
AGC
MIC REF
MIC
V
SP–
NC
NC
SP+
V
V
AUX IN
A8
A7
NC
CCD
CCA
ISD2532/40/48/64
TSOP
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SSD
SSA
A0/M0
A1/M1
A2/M2
A3/M3
A4/M4
A5/M5
A6/M6
NC
A7
A8
AUX IN
V
V
SP+
V
P/R
XCLK
EOM
PD
CE
OVF
ANA OUT
ANA IN
AGC
MIC REF
MIC
V
SP–
CCD
CCA
ISD2532
ISD2540
ISD2548
ISD2564
DIP/SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Microphone Input (MIC)
The microphone input transfers its signal to the on-
chip preamplifier. An on-chip Automatic Gain Con-
trol (AGC) circuit controls the gain of this
preamplifier from -15 to 24 dB. An external micro-
phone should be AC coupled to this pin via a series
capacitor. The capacitor value, together with the
internal 10 K ohm resistance on this pin, deter-
mines the low-frequency cutoff for the ISD2500
Series passband. See ISD's
Application Notes and
Design Manual in this book for additional informa-
tion on low-frequency cutoff calculation.
Microphone Reference Input (MIC REF)
The MIC REF input is the inverting input to the
microphone preamplifier. This provides a noise-
canceling or common-mode rejection input to the
device
when
connected
to
a
differential
microphone.
Automatic Gain Control Input (AGC)
The AGC dynamically adjusts the gain of the
preamplifier to compensate for the wide range of
microphone input levels. The AGC allows the full
range of whispers to loud sounds to be recorded
with minimal distortion. The “attack” time is deter-
mined by the time constant of a 5 K
Ω internal
resistance and an external capacitor (C2 on the
schematic on page 1-100) connected from the
AGC pin to VSSA analog ground. The “release”
time is determined by the time constant of an
external resistor (R2) and an external capacitor
(C2) connected in parallel between the AGC Pin
and VSSA analog ground. Nominal values of
470 K
Ω and 4.7 µF give satisfactory results in
most cases.
Analog Output (ANA OUT)
This pin provides the preamplifier output to the
user. The voltage gain of the preamplifier is deter-
mined by the voltage level at the AGC pin.
Analog Input (ANA IN)
The analog input pin transfers its signal to the chip
for recording. For microphone inputs, the ANA
OUT pin should be connected via an external
capacitor to the ANA IN pin. This capacitor value,
together with the 3.0 K
Ω input impedance of ANA
IN, is selected to give additional cutoff at the low-
frequency end of the voice passband. If the
desired input is derived from a source other than a
microphone, the signal can be fed, capacitively
coupled, into the ANA IN pin directly.
External Clock Input (XCLK)
The external clock input for the ISD2500 devices
has an internal pull-down device. These devices
are configured at the factory with an internal sam-
pling
clock
frequency
centered
to
±1% of
ISD2532/40/48/64* DEVICE PINOUTS
* Advance information: ISD2532/40/48/64 devices.


Similar Part No. - ISD2590S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD2590S ETC1-ISD2590S Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
More results

Similar Description - ISD2590S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD33060 ETC-ISD33060 Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
logo
Winbond
ISD2532 WINBOND-ISD2532 Datasheet
1Mb / 42P
   SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1600B NUVOTON-ISD1600B Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com