Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WIW1029-W-254 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # WIW1029-W-254
Description  Trimmer Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

WIW1029-W-254 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  WIW1029-W-254 Datasheet HTML 1Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
9mm Multiturn Square
Cermet / Industrial / Sealed
5 Terminals types (W / X / P/ Y / Z)
Available with a knob for finger adjust
Electrical Characteristics
Standard Resistance Range
10 to 5 Megohms
(see standard resistance table)
Resistance Tolerance
10% std.
(tighter tolerance available)
Absolute Minimum Resistance
1% or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
3% or 3 ohms max.
(whichever is greater)
Adjustability
Voltage
0.01%
Resistance
0.05%
Resolution:
Infinite
Insulation Resistance
500 vdc
1,000 Megohms min.
Dielectric Strength
101.3 kPa 600 vac
8.5 kPa 360vac
Effective Travel:
25turns nom
Environmental Characteristics
Power Rating (300 volts max.)
0.5 watt (70
) , 0 watt (125
)
Temperature Range
-55
to +125
Temperature Coefficient
100ppm/
Vibration
98 m/s
2
(1%
TR; 1%
VR)
Shock
390 m/s
2
(1%
TR; 1%
VR)
Load Life
1,000 hours 0.5 watt @ 70
(3%
TR; 4% or 4 ohm, whichever
is greater , CRV)
Rotational Life: 200 cycles
(3%
TR; 4% or 4 ohm)
Physical Characteristics
Torque
36 mN
m max.
Mechanical Stops
Wiper idles
Terminals
Solderable pins
Standard Packaging
50pcs.per tube
How to order
WIW
1029—W—102
Model
Style
Resistance code
CLOCKWISE
WIPER
CW
Standard Resistance Table
Special resistance available
TCR of shaded areas
250ppm/
Detail Specification: Q/RY256-2000
Detail Mil-Spec
Q/RY20021-2000
Resistance
Ohms
Resistance
Code
10
20
50
100
200
100
200
500
101
201
500
1000
2,000
5,000
10,000
20,000
25,000
50,000
100,000
200,000
501
102
202
502
103
203
253
503
104
204
250,000
500
000
1 000 000
2 000 000
5 000 000
254
504
105
205
505
WIW1029 (3296)
Trimmer Potentiometer
Sharma Potentiometers
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327
Style Code


Similar Part No. - WIW1029-W-254

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WIW1024 SHARMA-WIW1024 Datasheet
707Kb / 1P
   Trimming Potentiometer
WIW1024-L-101 SHARMA-WIW1024-L-101 Datasheet
707Kb / 1P
   Trimming Potentiometer
WIW1024-L-102 SHARMA-WIW1024-L-102 Datasheet
707Kb / 1P
   Trimming Potentiometer
WIW1024-L-103 SHARMA-WIW1024-L-103 Datasheet
707Kb / 1P
   Trimming Potentiometer
WIW1024-L-104 SHARMA-WIW1024-L-104 Datasheet
707Kb / 1P
   Trimming Potentiometer
More results

Similar Description - WIW1029-W-254

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
   TRIMMER POTENTIOMETER
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
   Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
   Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW3362 SHARMA-WIW3362 Datasheet
709Kb / 1P
   Trimmer Potentiometer
WIW1015 SHARMA-WIW1015 Datasheet
722Kb / 1P
   Trimmer Potentiometer
logo
Dallas Semiconductor
DS1866 DALLAS-DS1866 Datasheet
77Kb / 5P
   Log Trimmer Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com