Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM20MD3-12H Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # CM20MD3-12H
Description  MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM20MD3-12H Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  CM20MD3-12H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM20MD3-12H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM20MD3-12H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM20MD3-12H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM20MD3-12H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb.1999
101
10–3
10–5
10–4
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
7
5
3
2
10–323 5 7
23 5 7
23 5 7
23 5 7
101
10–2
10–1
100
10–3
10–3
7
5
3
2
10–2
7
5
3
2
10–1
3
2
23 5 7
23 5 7
Single Pulse
Tf = 25°C
Rth(j – f) = 2.2°C/ W
101
10–3
10–5
10–4
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
7
5
3
2
10–323 5 7
23 5 7
23 5 7
23 5 7
101
10–2
10–1
100
10–3
10–3
7
5
3
2
10–2
7
5
3
2
10–1
3
2
23 5 7
23 5 7
Single Pulse
Tf = 25°C
Rth(j – f) = 3.1°C/ W
101
103
7
5
3
2
100
23
5 7
101
102
7
5
3
2
23
5 7
102
td(off)
VCC = 300V
VGE = ±15V
RG = 31
Tj = 125°C
td(on)
tf
tr
101
103
7
5
3
2
100
23
5 7
101
102
7
5
3
2
23
5 7
102
10–1
101
7
5
3
2
100
7
5
3
2
– di/dt = 40A / µs
Tj = 25°C
trr
Irr
20
16
12
8
4
0
100
0
20
40
60
80
18
14
10
6
2
VCC = 200V
VCC = 300V
IC = 20A
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
REVERSE RECOVERY CHARACTERISTICS
OF FREE-WHEEL DIODE
(TYPICAL)
EMITTER CURRENT IE (A)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT part)
TIME (s)
TIME (s)
VGE – GATE CHARGE
(TYPICAL)
GATE CHARGE QG (nC)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi part)
MITSUBISHI IGBT MODULES
CM20MD3-12H
MEDIUM POWER SWITCHING USE
FLAT-BASE TYPE, INSULATED TYPE


Similar Part No. - CM20MD3-12H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM20MD3-12H POWEREX-CM20MD3-12H Datasheet
57Kb / 4P
   CI Module Single Phase Converter Three Phase Inverter 20 Amperes/600 Volts
More results

Similar Description - CM20MD3-12H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM20MD1-12H MITSUBISHI-CM20MD1-12H Datasheet
153Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM50MD1-12H MITSUBISHI-CM50MD1-12H Datasheet
127Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM30MD3-12H MITSUBISHI-CM30MD3-12H Datasheet
135Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM30MD1-12H MITSUBISHI-CM30MD1-12H Datasheet
129Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM15MD3-12H MITSUBISHI-CM15MD3-12H Datasheet
164Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM10MD3-12H MITSUBISHI-CM10MD3-12H Datasheet
377Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM10MD1-12H MITSUBISHI-CM10MD1-12H Datasheet
144Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM15MD1-12H MITSUBISHI-CM15MD1-12H Datasheet
155Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM10AD00-12H MITSUBISHI-CM10AD00-12H Datasheet
68Kb / 4P
   MEDIUM POWER SWITCHING USE FLAT BASE, INSULATED TYPE
CM50AD00-12H MITSUBISHI-CM50AD00-12H Datasheet
66Kb / 4P
   MEDIUM POWER SWITCHING USE FLAT BASE, INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com