Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS10PH9 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SS10PH9
Description  High Current Density Surface Mount High-Voltage Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS10PH9 Datasheet(HTML) 3 Page - Vishay Siliconix

  SS10PH9 Datasheet HTML 1Page - Vishay Siliconix SS10PH9 Datasheet HTML 2Page - Vishay Siliconix SS10PH9 Datasheet HTML 3Page - Vishay Siliconix SS10PH9 Datasheet HTML 4Page - Vishay Siliconix SS10PH9 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number 89000
24-Jul-06
www.vishay.com
3
SS10PH9 & SS10PH10
Vishay General Semiconductor
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
0.01
0.1
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Instantaneous Forward Voltage (V)
Tj = 175 °C
Tj = 150 °C
Tj = 125 °C
Tj = 25 °C
0.00001
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
8090
100
Tj = 175 °C
Tj = 150 °C
Tj = 125 °C
Tj = 25 °C
Percent of Rated Peak Reverse Voltage (%)
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
10
100
1000
0.1
1
10
100
Reverse Voltage (V)
Tj = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
Junction to Ambient
0.01
0.1
1
10
100
1
10
100
t - Pulse Duration (s)


Similar Part No. - SS10PH9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS10PH9 VISHAY-SS10PH9 Datasheet
111Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
Revision: 30-Jul-08
SS10PH9 VISHAY-SS10PH9 Datasheet
97Kb / 5P
   High Current Density Surface Mount High Voltage Schottky Rectifiers
Revision: 19-Apr-11
SS10PH9 VISHAY-SS10PH9 Datasheet
94Kb / 5P
   High Current Density Surface-Mount High Voltage Schottky Rectifiers
01-Jan-2022
SS10PH9 VISHAY-SS10PH9_08 Datasheet
111Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
Revision: 30-Jul-08
SS10PH9 VISHAY-SS10PH9_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount High Voltage Schottky Rectifiers
Revision: 19-Apr-11
More results

Similar Description - SS10PH9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS8PH9 VISHAY-SS8PH9_V01 Datasheet
109Kb / 5P
   High Current Density Surface-Mount High Voltage Schottky Rectifier
01-Jan-2022
SS8PH9 VISHAY-SS8PH9_11 Datasheet
98Kb / 5P
   High Current Density Surface Mount High Voltage Schottky Rectifier
Revision: 28-Jun-11
SS8PH9 VISHAY-SS8PH9 Datasheet
112Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
Revision: 30-Jul-08
SS10PH9 VISHAY-SS10PH9_08 Datasheet
111Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
Revision: 30-Jul-08
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
   High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
   High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4 Datasheet
87Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
26-Jun-06
B230LA VISHAY-B230LA_08 Datasheet
102Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2P5 VISHAY-SS2P5_08 Datasheet
104Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS3P4 VISHAY-SS3P4_08 Datasheet
103Kb / 4P
   High Current Density Surface Mount Schottky Rectifier
Revision: 25-Aug-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com