Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD250-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SD250-2
Description  Base/Gate Driver Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD250-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SD250-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD250-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Base/GateDriverTransformers
Document 130-1
Lower cost than toroidal equivalents
Frequency range of 10 - 250 kHz and up
Industry standard pin centers
VDE, IEC, UL, CSA compatible
3750 VRMS isolation between windings
UL approved Class 130°C insulation system
available (UL File E83628)
Coilcraft Designer’s Kit No. P204 contains sam-
ples of 4 standard driver transformers. To order,
please contact Coilcraft or visit http://order.coil-
craft.com to order on-line.
0.15 ± 0.030
3,81 ± 0,762
0.62 ± 0.015
15,75 ± 0,38
0.950
24,13
1.10
27,94
0.395
10,03
1.10
27,94
0.350
8,89
0.400
10,16
0.20
5,08
0.40
10,16
0.80
20,32
0.032
0,813
Max.
Max.
Max.
Max.
Diameter Ref.
(Pins 7 and 9 omitted on SD250-1 and 250-2)
15
6
10
DRIVE WINDING
SD250-1
SD250-2
SD250-3
SD250-4
Inductance (Min)1
1.5 mH
1.5 mH
1.5 mH
1.5 mH
Leakage inductance (Max)1
4.0
H
4.0
H
4.0
H
4.0
H
DCR
0.4
0.4
0.4
0.4
Volt-time product
375 V- sec
375 V- sec
375 V- sec
375 V- sec
SECONDARY WINDING(S)
Np/Ns (± 3%)
1 : 1
1 : 1.5
1 : 1 : 1
1 : 1.5 : 1.5
Cap., drive to sec. (Max)
50 pF
50 pF
50 pF
50 pF
DCR each section (Max)
.75
2.5
.75
2.5
1. Measured at 1 Vrms, 15.75 kHz
2. Operating temperature range –40° C to +85° C.
3. Electrical specifications at 25° C.
STANDARDVERSIONSPECIFICATIONS
SD250-1 and 250-2
SD250-3 and 250-4
10
7
10
1
1
6
6
9
5
5
Drive
Drive
Sec
Sec 1
Sec 2
Specifications subject to change without notice.
Document 130-1 Revised 9/14/00


Similar Part No. - SD250-2

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SD250-2L COILCRAFT-SD250-2L Datasheet
78Kb / 1P
   Base/Gate Driver Transformers
SD250-2L COILCRAFT-SD250-2L Datasheet
450Kb / 2P
   Base/Gate Driver Transformers
More results

Similar Description - SD250-2

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SD250-1L COILCRAFT-SD250-1L Datasheet
78Kb / 1P
   Base/Gate Driver Transformers
SD250-1L COILCRAFT-SD250-1L_15 Datasheet
450Kb / 2P
   Base/Gate Driver Transformers
logo
Premier Magnetics, Inc.
PMGD-02 PMI-PMGD-02 Datasheet
117Kb / 3P
   GATE DRIVE & BASE DRIVE TRANSFORMERS
logo
Rhombus Industries Inc.
T-1055 RHOMBUS-IND-T-1055 Datasheet
38Kb / 1P
   BASE/GATE DRIVER TRANSFORMER
logo
TT Electronics.
HM42 TTELEC-HM42 Datasheet
770Kb / 2P
   Gate Drive Transformers
logo
Bi technologies
HM42 BITECH-HM42_15 Datasheet
312Kb / 2P
   Gate Drive Transformers
logo
Rhombus Industries Inc.
T-15200 RHOMBUS-IND-T-15200 Datasheet
47Kb / 1P
   100 BASE-T4 TRANSFORMERS
T-15202 RHOMBUS-IND-T-15202 Datasheet
49Kb / 1P
   100 BASE-T4 TRANSFORMERS
T-13010 RHOMBUS-IND-T-13010 Datasheet
57Kb / 2P
   10 BASE-T Transformers
logo
Pulse A Technitrol Comp...
PA0184 PULSE-PA0184 Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com