Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA140 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BTA140
Description  Triacs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA140 Datasheet(HTML) 3 Page - NXP Semiconductors

  BTA140 Datasheet HTML 1Page - NXP Semiconductors BTA140 Datasheet HTML 2Page - NXP Semiconductors BTA140 Datasheet HTML 3Page - NXP Semiconductors BTA140 Datasheet HTML 4Page - NXP Semiconductors BTA140 Datasheet HTML 5Page - NXP Semiconductors BTA140 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BTA140 series
Fig.1. Maximum on-state dissipation, P
tot, versus rms
on-state current, I
T(RMS), where α = conduction angle.
Fig.2. Maximum permissible non-repetitive peak
on-state current I
TSM, versus pulse width tp, for
sinusoidal currents, t
p ≤ 20ms.
Fig.3. Maximum permissible non-repetitive peak
on-state current I
TSM, versus number of cycles, for
sinusoidal currents, f = 50 Hz.
Fig.4. Maximum permissible rms current I
T(RMS) ,
versus mounting base temperature T
mb.
Fig.5. Maximum permissible repetitive rms on-state
current I
T(RMS), versus surge duration, for sinusoidal
currents, f = 50 Hz; T
mb ≤ 91˚C.
Fig.6. Normalised gate trigger voltage
V
GT(Tj)/ VGT(25˚C), versus junction temperature Tj.
0
5
10
15
20
25
30
0
10
20
30
40
= 180
120
90
60
30
BTA140
IT(RMS) / A
Ptot / W
Tmb(max) / C
125
115
105
95
85
1
-50
0
50
100
150
0
5
10
15
20
25
30
BTA140
91 C
Tmb / C
IT(RMS) / A
10us
100us
1ms
10ms
100ms
10
100
1000
BTA140
T / s
ITSM / A
T
ITSM
time
I
Tj initial = 25 C max
T
dI /dt limit
T
T2- G+ quadrant
0.01
0.1
1
10
0
10
20
30
40
50
BTA140
surge duration / s
IT(RMS) / A
1
10
100
1000
0
50
100
150
200
BTA140
Number of cycles at 50Hz
ITSM / A
T
ITSM
time
I
Tj initial = 25 C max
T
-50
0
50
100
150
0.4
0.6
0.8
1
1.2
1.4
1.6
BT136
Tj / C
VGT(Tj)
VGT(25 C)
September 1997
3
Rev 1.200


Similar Part No. - BTA140

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BTA140-600 ISC-BTA140-600 Datasheet
157Kb / 1P
   isc Thyristors
logo
WeEn Semiconductors
BTA140-600 WEEN-BTA140-600 Datasheet
534Kb / 13P
   4Q Triac
BTA140-600G0 WEEN-BTA140-600G0 Datasheet
520Kb / 13P
   4Q Triac
BTA140-600G0T WEEN-BTA140-600G0T Datasheet
520Kb / 13P
   4Q Triac
logo
Inchange Semiconductor ...
BTA140-800 ISC-BTA140-800 Datasheet
170Kb / 1P
   isc Triacs
More results

Similar Description - BTA140

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com