Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14XXXBD Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC14XXXBD
Description  18-BIT STATIC SHIFT REGISTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14XXXBD Datasheet(HTML) 2 Page - Motorola, Inc

  MC14XXXBD Datasheet HTML 1Page - Motorola, Inc MC14XXXBD Datasheet HTML 2Page - Motorola, Inc MC14XXXBD Datasheet HTML 3Page - Motorola, Inc MC14XXXBD Datasheet HTML 4Page - Motorola, Inc MC14XXXBD Datasheet HTML 5Page - Motorola, Inc MC14XXXBD Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
MC14006B
26
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
– 55
_C
25
_C
125
_C
Unit
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ #
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
Vin = 0 or VDD
“1” Level
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
Vin = 0 or VDD
“1” Level
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
(VO = 0.5 or 4.5 Vdc) “1” Level
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
(VO = 0.5 or 4.5 Vdc) “1” Level
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
µAdc
Total Supply Current**†
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.3 µA/kHz) f + IDD
IT = (2.6 µA/kHz) f + IDD
IT = (3.9 µA/kHz) f + IDD
µAdc
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
** The formulas given are for the typical characteristics only at 25
_C.
†To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001.
11
12
13
14
8
9
10
5
4
3
2
1
7
6
Q13
Q8
Q9
Q4
VDD
Q17
Q18
DP5
C
NC
DP1
VSS
DP14
DP10
NC = NO CONNECTION
PIN ASSIGNMENT


Similar Part No. - MC14XXXBD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14XXXBD MOTOROLA-MC14XXXBD Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
MC14XXXBD MOTOROLA-MC14XXXBD Datasheet
227Kb / 8P
   Dual Schmitt Trigger
MC14XXXBD MOTOROLA-MC14XXXBD Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14XXXBD MOTOROLA-MC14XXXBD Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
MC14XXXBD MOTOROLA-MC14XXXBD Datasheet
266Kb / 8P
   24-Stage Frequency Driver
More results

Similar Description - MC14XXXBD

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14006B HITACHI-HD14006B Datasheet
77Kb / 5P
   18-bit Static Shift Register
logo
STMicroelectronics
HCC4006B STMICROELECTRONICS-HCC4006B Datasheet
260Kb / 11P
   18-STAGE STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4006B PHILIPS-HEF4006B Datasheet
53Kb / 5P
   18-stage static shift register
January 1995
logo
National Semiconductor ...
CD4006BC NSC-CD4006BC Datasheet
112Kb / 6P
   18-Stage Static Shift Register
logo
STMicroelectronics
HCF4006B STMICROELECTRONICS-HCF4006B Datasheet
179Kb / 8P
   18-STAGE STATIC SHIFT REGISTER
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
MC14562B ONSEMI-MC14562B Datasheet
117Kb / 8P
   128-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
   8-bit static shift register
January 1995
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
   8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
   8-bit Static Shift Register
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com