Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA278R33CTSTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA278R33CTSTU
Description  2A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA278R33CTSTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA278R33CTSTU Datasheet HTML 1Page - Fairchild Semiconductor KA278R33CTSTU Datasheet HTML 2Page - Fairchild Semiconductor KA278R33CTSTU Datasheet HTML 3Page - Fairchild Semiconductor KA278R33CTSTU Datasheet HTML 4Page - Fairchild Semiconductor KA278R33CTSTU Datasheet HTML 5Page - Fairchild Semiconductor KA278R33CTSTU Datasheet HTML 6Page - Fairchild Semiconductor KA278R33CTSTU Datasheet HTML 7Page - Fairchild Semiconductor KA278R33CTSTU Datasheet HTML 8Page - Fairchild Semiconductor KA278R33CTSTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
KA278RXXC-SERIES
3
Electrical Characteristics
(Vin=Note3, Io=1.0A, Ta=25
°C , unless otherwise specified)
Note:
1.These parameters, although guaranteed, are not 100% tested in production.
2. Junction -to -case thermal resistance test environments.
-. Pneumatic heat sink fixture.
-. Clamping pressure 60psi through 12mm diameter cylinder.
-. Thermal grease applied between PKG and heat sink fixture.
3. KA278R33C : Vin = 5V
KA278R05C : Vin = 7V
KA278R09C : Vin = 11V
KA278R12C : Vin = 15V
4. KA278R33C : Vin =4 to 10V
KA278R05C, KA278R51C : Vin=6 to 12V
KA278R09C : Vin=10 to 25V
KA278R12C : Vin = 13V to 29V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output voltage
KA278R33C
Vo
-
3.22
3.3
3.38
V
KA278R05C
-
4.88
5
5.12
KA278R51C
-
4.98
5.1
5.22
KA278R09C
-
8.78
9
9.22
KA278R12C
-
11.7
12
12.3
Load regulation
Rload
5mA < Io < 2A
-
0.1
2.0
%
Line regulation
Rline
Note4
-
0.5
2.5
%
Ripple rejection ratio
RR
Note1
45
55
-
dB
Dropout voltage
Vdrop
Io = 2A
-
-
0.5
V
Disable voltage high
KA278RXXC
VdisH
Output active
2.0
-
-
V
Disable voltage low
KA278RXXC
VdisL
Output disabled
-
-
0.8
V
Disable bias current high KA278RXXC
IdisH
Vdis = 2.7V
-
-
20
µA
Disable bias current low
KA278RXXC
IdisL
Vdis = 0.4V
-
-
-0.4
mA
Quiescent current
Iq
Io = 0A
-
-
10
mA
Reference voltage
KA278RA05C
Vref
-
1.24
1.27
1.30
V


Similar Part No. - KA278R33CTSTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278R33CTSTU FAIRCHILD-KA278R33CTSTU Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
More results

Similar Description - KA278R33CTSTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com