Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7297SA Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7297SA
Description  10W10W DUAL BRIDGE AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7297SA Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7297SA Datasheet HTML 1Page - STMicroelectronics TDA7297SA Datasheet HTML 2Page - STMicroelectronics TDA7297SA Datasheet HTML 3Page - STMicroelectronics TDA7297SA Datasheet HTML 4Page - STMicroelectronics TDA7297SA Datasheet HTML 5Page - STMicroelectronics TDA7297SA Datasheet HTML 6Page - STMicroelectronics TDA7297SA Datasheet HTML 7Page - STMicroelectronics TDA7297SA Datasheet HTML 8Page - STMicroelectronics TDA7297SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TDA7297SA
4/11
Figure 2. Microprocessor Driving Signals
B) Low Cost Application
In low cost applications where the
µP is not present, the suggested circuit is shown in fig.3.
The St-by and mute terminals are tied together and they are connected to the supply line via an external voltage
divider.
The device is switched-on/off from the supply line and the external capacitor C4 is intended to delay the St-by
and mute threshold exceeding, avoiding "Popping" problems.
+VS(V)
VIN
(mV)
VST-BY
pin 7
Iq
(mA)
ST-BY
MUTE
PLAY
MUTE
ST-BY
1.8
0.8
VMUTE
pin 6
4.1
2.3
OFF
OFF
D96AU259/mod
VOUT
(V)
2.9
1.3


Similar Part No. - TDA7297SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7297SA STMICROELECTRONICS-TDA7297SA Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
More results

Similar Description - TDA7297SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
   10W10W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7297 UTC-TDA7297_15 Datasheet
258Kb / 8P
   10W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266B STMICROELECTRONICS-TDA7266B Datasheet
226Kb / 9P
   1010W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7297 UTC-TDA7297 Datasheet
233Kb / 8P
   1010W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
   10W10W10W/15W TRIPLE AMPLIFIER
logo
NTE Electronics
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
   Integrated Circuit Dual 10W 10W Stereo Amplifier
logo
STMicroelectronics
TDA7494S STMICROELECTRONICS-TDA7494S Datasheet
181Kb / 12P
   10W AMPLIFIER
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
KODENSHI_AUK CORP.
KKA2003 KODENSHI-KKA2003 Datasheet
139Kb / 3P
   10W AUDIO AMPLIFIER
logo
Unisonic Technologies
PA2009 UTC-PA2009_15 Datasheet
201Kb / 4P
   10W STEREO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com