Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IDT74ALVCH374 Datasheet(HTML) 6 Page - Integrated Device Technology

Part No. IDT74ALVCH374
Description  3.3V CMOS OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74ALVCH374 Datasheet(HTML) 6 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
6
EXTENDED COMMERCIAL TEMPERATURE RANGE
IDT74ALVCH374
3.3VCMOSOCTALPOSITIVEEDGE-TRIGGEREDD-TYPE
*To search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
2975 Stender Way
800-345-7015 or 408-727-6116
Santa Clara, CA 95054
fax: 408-492-8674
www.idt.com*
ID T
XX
ALVC
XXX
XX
Package
D evice Type
Tem p. R ange
SO
PY
Q
PG
74
Small Outline IC (SO 20-2)
Shrink S m all Outline Package (SO20-7)
Quarter-size Sm all Outline Package (SO20-8)
Thin Shrink Sm all Outline Package (SO20-9)
Octal Positive Edge-Triggered D-Type Flip-Flop with 3-State
Outp uts, ±24mA
–40°C to +85°C
X
Bus-Hold
374
Bus-Hold
H


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn