Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V2577S85BQ Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT71V2577S85BQ
Description  128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2577S85BQ Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT71V2577S85BQ Datasheet HTML 3Page - Integrated Device Technology IDT71V2577S85BQ Datasheet HTML 4Page - Integrated Device Technology IDT71V2577S85BQ Datasheet HTML 5Page - Integrated Device Technology IDT71V2577S85BQ Datasheet HTML 6Page - Integrated Device Technology IDT71V2577S85BQ Datasheet HTML 7Page - Integrated Device Technology IDT71V2577S85BQ Datasheet HTML 8Page - Integrated Device Technology IDT71V2577S85BQ Datasheet HTML 9Page - Integrated Device Technology IDT71V2577S85BQ Datasheet HTML 10Page - Integrated Device Technology IDT71V2577S85BQ Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
6.42
IDT71V2577, IDT71V2579, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
2.5V I/O, Flow-Through Outputs, Burst Counter, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
7
Pin Configuration – 256K x 18, 119 BGA
Pin Configuration – 128K x 36, 119 BGA
Top View
Top View
NOTES:
1. R5 does not have to be directly connected to VSS as long as the input voltage is < VIL.
2. L4 and U4 can be either NC or connected to VSS.
3. T7 can be left unconnected and the device will always remain in active mode.
4. DNU = Do not use U2, U3, U4, U5 and U6 are reserved for respective JTAG pins: TDI, TDO, TMS, TCK and
TRST on future revisions. Within the current
version these pins are not connected.
1
2
3
456
7
A
VDDQ
A6
A4
ADSP
A8
A16
VDDQ
B
NC
CS0
A3
ADSC
A9
CS1
NC
C
A7
A2
VDD
A12
A15
NC
D
I/O16
I/OP3
VSS
NC
VSS
I/OP2
I/O15
E
I/O17
I/O18
VSS
CE
VSS
I/O13
I/O14
F
VDDQ
I/O19
VSS
OE
VSS
I/O12
VDDQ
G
I/O20
I/O21
BW3
ADV
BW2
I/O11
I/O10
H
I/O22
I/O23
VSS
GW
VSS
I/O9
I/O8
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
I/O24
I/O26
VSS
CLK
VSS
I/O6
I/O7
L
I/O25
I/O27
BW4
NC(2)
BW1
I/O4
I/O5
M
VDDQ
I/O28
VSS
BWE
VSS
I/O3
VDDQ
N
I/O29
I/O30
VSS
A1
VSS
I/O2
I/O1
P
I/O31
I/OP4
VSS
A0
VSS
I/O0
I/OP1
R
NC
A5
LBO
VDD
NC
A13
T
NC
NC
A10
A11
A14
NC
ZZ(3)
U
VDDQ
DNU(4)
DNU(4)
DNU(2,4)
DNU(4)
DNU(4)
VDDQ
NC
VSS
4877 drw 02c
,
1
2
34
567
A
VDDQ
A6
A4
ADSP
A8
A16
VDDQ
B
NC
CS0
A3
ADSC
A9
CS1
NC
C
A7
A2
VDD
A13
A17
NC
D
I/O8
NC
VSS
NC
VSS
I/O7
NC
E
NC
I/O9
VSS
CE
VSS
NC
I/O6
F
VDDQ
NC
VSS
OE
VSS
I/O5
VDDQ
G
NC
I/O10
ADV
BW2
NC
I/O4
H
I/O11
NC
VSS
GW
VSS
I/O3
NC
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
NC
I/O12
VSS
CLK
VSS
NC
I/O2
L
I/O13
NC
NC(2)
BW1
I/O1
NC
M
VDDQ
I/O14
VSS
BWE
VSS
NC
VDDQ
N
I/O15
NC
VSS
A1
VSS
I/O0
NC
P
NC
I/OP2
VSS
A0
VSS
NC
I/OP1
R
NC
A5
LBO
VDD
NC
A12
VSS
T
NC
A10
A15
NC
A14
A11
ZZ(3)
U
VDDQ
DNU(4)
DNU(4)
DNU(2,4)
DNU(4)
DNU(4)
VDDQ
4877 drw 02d
NC
VSS
VSS
,


Similar Part No. - IDT71V2577S85BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2577S85BQ IDT-IDT71V2577S85BQ Datasheet
290Kb / 22P
   128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect
IDT71V2577S85BQI IDT-IDT71V2577S85BQI Datasheet
290Kb / 22P
   128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect
More results

Similar Description - IDT71V2577S85BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3577S IDT-IDT71V3577S Datasheet
521Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V67702 IDT-IDT71V67702 Datasheet
514Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
logo
Integrated Device Techn...
IDT71V67703 IDT-IDT71V67703 Datasheet
975Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
IDT71V2577S IDT-IDT71V2577S Datasheet
290Kb / 22P
   128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect
logo
Renesas Technology Corp
71V67703 RENESAS-71V67703 Datasheet
301Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
Aug.11.21
logo
Integrated Device Techn...
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S IDT-IDT71V35761S Datasheet
282Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com