Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12026BP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC12026BP
Description  1.1GHz Dual Modulus Prescaler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12026BP Datasheet(HTML) 3 Page - Motorola, Inc

  MC12026BP Datasheet HTML 1Page - Motorola, Inc MC12026BP Datasheet HTML 2Page - Motorola, Inc MC12026BP Datasheet HTML 3Page - Motorola, Inc MC12026BP Datasheet HTML 4Page - Motorola, Inc MC12026BP Datasheet HTML 5Page - Motorola, Inc MC12026BP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC12026A MC12026B
HIPERCOMM
BR1334 — Rev 4
3
MOTOROLA
Figure 3. AC Test Circuit
SINE WAVE GENERATOR
50
C1
C2
MC INPUT
C3
VCC = 4.5 to 5.5V
CL
RL
VCC
SW
IN
IN
MC
GND
OUT
EXTERNAL COMPONENTS
C1 = C2 = 1000 pF
C3 = 0.1
µF
CL = 8pF (Including Scope and Jig Capacitance)
RL = 560Ω (for ÷8/9 at 1.1GHz)
0
200
400
600
800
1000
1200
1400
1600
1800
Figure 4. Input Signal Amplitude versus Input Frequency
Divide Ratio = 8; VCC = 5.0V; TA = 25°C
+15.0
+10.0
+5.0
0
–5.0
–10.0
–15.0
–20.0
–25.0
–30.0
–35.0
–40.0
–45.0
–50.0
+1257.40
+0.71
+1.26
+2.24
+3.98
+7.07
+12.57
+22.36
+39.76
+70.71
+125.74
+223.61
+397.64
+707.11
0
200
400
600
800
1000
1200
1400
1600
1800
FREQUENCY (MHz)
FREQUENCY (MHz)
0
400
800
1200
1600
2000
Figure 5. Output Amplitude versus Input Frequency
OPERATING
WINDOW


Similar Part No. - MC12026BP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
MC12026AD ONSEMI-MC12026AD Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026AD ONSEMI-MC12026AD Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
More results

Similar Description - MC12026BP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
logo
Sony Corporation
CXA1541M SONY-CXA1541M Datasheet
389Kb / 9P
   1.1GHz 2 Modulus Prescaler for Cellular Equipment
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
   Dual Modulus Prescaler
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
   Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12018 MOTOROLA-MC12018 Datasheet
53Kb / 4P
   520MHz Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com