Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12027IBAZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL12027IBAZ-T
Description  Real Time Clock/Calendar with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12027IBAZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL12027IBAZ-T Datasheet HTML 1Page - Intersil Corporation ISL12027IBAZ-T Datasheet HTML 2Page - Intersil Corporation ISL12027IBAZ-T Datasheet HTML 3Page - Intersil Corporation ISL12027IBAZ-T Datasheet HTML 4Page - Intersil Corporation ISL12027IBAZ-T Datasheet HTML 5Page - Intersil Corporation ISL12027IBAZ-T Datasheet HTML 6Page - Intersil Corporation ISL12027IBAZ-T Datasheet HTML 7Page - Intersil Corporation ISL12027IBAZ-T Datasheet HTML 8Page - Intersil Corporation ISL12027IBAZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
FN8232.4
October 18, 2006
Watchdog Timer/Low Voltage Reset Parameters
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
(Note 5)
MAX
UNITS
NOTES
tRPD
VDD Detect to RESET LOW
500
ns
9
tPURST
Power-up Reset Time-Out Delay
100
250
400
ms
VRVALID
Minimum VDD for Valid RESET
Output
1.0
V
VRESET
ISL12027-4.5A Reset Voltage Level
4.59
4.64
4.69
V
ISL12027 Reset Voltage Level
4.33
4.38
4.43
V
ISL12027-3 Reset Voltage Level
3.04
3.09
3.14
V
ISL12027-2.7A Reset Voltage Level
2.87
2.92
2.97
V
ISL12027-2.7 Reset Voltage Level
2.58
2.63
2.68
V
tWDO
Watchdog Timer Period
32.768kHz crystal between X1
and X2
1.70
1.75
1.801
s
725
750
775
ms
225
250
275
ms
tRST
Watchdog Timer Reset Time-Out
Delay
32.768kHz crystal between X1
and X2
225
250
275
ms
tRSP
I2C Interface Minimum Restart Time
1.2
µs
EEPROM SPECIFICATIONS
EEPROM Endurance
>2,000,000
Cycles
EEPROM Retention
Temperature
≤75°C
50
Years
Serial Interface (I2C) Specifications
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
VIL
SDA, and SCL Input Buffer LOW
Voltage
SBIB = 1 (Under VDD mode)
-0.3
0.3 x VDD
V
VIH
SDA, and SCL Input Buffer HIGH
Voltage
SBIB = 1 (Under VDD mode)
0.7 x VDD
VDD + 0.3
V
Hysteresis SDA and SCL Input Buffer
Hysteresis
SBIB = 1 (Under VDD mode)
0.05 x VDD
V
VOL
SDA Output Buffer LOW Voltage
IOL = 4mA
0
0.4
V
ILI
Input Leakage Current on SCL
VIN = 5.5V
0.1
10
µA
ILO
I/O Leakage Current on SDA
VIN = 5.5V
0.1
10
µA
TIMING CHARACTERISTICS
fSCL
SCL Frequency
400
kHz
tIN
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max spec
is suppressed.
50
ns
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30% of VDD,
until SDA exits the 30% to 70% of VDD
window.
900
ns
tBUF
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VDD during a
STOP condition, to SDA crossing 70%
of VDD during the following START
condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD crossing.
600
ns
ISL12027


Similar Part No. - ISL12027IBAZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027IBAZ INTERSIL-ISL12027IBAZ Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027IBAZ RENESAS-ISL12027IBAZ Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
More results

Similar Description - ISL12027IBAZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com