Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM239DR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM239DR2
Description  Single Supply Quad Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM239DR2 Datasheet(HTML) 3 Page - ON Semiconductor

  LM239DR2 Datasheet HTML 1Page - ON Semiconductor LM239DR2 Datasheet HTML 2Page - ON Semiconductor LM239DR2 Datasheet HTML 3Page - ON Semiconductor LM239DR2 Datasheet HTML 4Page - ON Semiconductor LM239DR2 Datasheet HTML 5Page - ON Semiconductor LM239DR2 Datasheet HTML 6Page - ON Semiconductor LM239DR2 Datasheet HTML 7Page - ON Semiconductor LM239DR2 Datasheet HTML 8Page - ON Semiconductor LM239DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = +5.0 Vdc, TA = +25°C, unless otherwise noted)
LM239/339
LM2901/2901V/
NCV2901
MC3302
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 3)
VIO
±2.0
±5.0
±2.0
±7.0
±3.0
±20
mVdc
Input Bias Current (Notes 3, 4)
IIB
25
250
25
250
25
500
nA
(Output in Analog Range)
Input Offset Current (Note 3)
IIO
±5.0
±50
±5.0
±50
±3.0
±100
nA
Input Common Mode Voltage Range
VICMR
0
VCC
−1.5
0
VCC
−1.5
0
VCC
−1.5
V
Supply Current
ICC
mA
RL = ∞ (For All Comparators)
0.8
2.0
0.8
2.0
0.8
2.0
RL = ∞, VCC = 30 Vdc
1.0
2.5
1.0
2.5
1.0
2.5
Voltage Gain
AVOL
50
200
25
100
25
100
V/mV
RL ≥ 15 kW, VCC = 15 Vdc
Large Signal Response Time
300
300
300
ns
VI = TTL Logic Swing,
Vref = 1.4 Vdc, VRL = 5.0 Vdc,
RL = 5.1 kW
Response Time (Note 5)
1.3
1.3
1.3
ms
VRL = 5.0 Vdc, RL = 5.1 kW
Output Sink Current
ISink
6.0
16
6.0
16
6.0
16
mA
VI (−) ≥ +1.0 Vdc, VI(+) = 0,
VO ≤ 1.5 Vdc
Saturation Voltage
Vsat
130
400
130
400
130
500
mV
VI(−) ≥ +1.0 Vdc, VI(+) = 0,
Isink ≤ 4.0 mA
Output Leakage Current
IOL
0.1
0.1
0.1
nA
VI(+) ≥ +1.0 Vdc, VI(−) = 0,
VO = +5.0 Vdc
2. (LM239) Tlow = −25°C, Thigh = +85°
(LM339) Tlow = 0°C, Thigh = +70°C
(MC3302) Tlow = −40°C, Thigh = +85°C
(LM2901) Tlow = −40°C, Thigh = +105°
(LM2901V & NCV2901) Tlow = −40°C, Thigh = +125°C
NCV2901 is qualified for automotive use.
3. At the output switch point, VO ] 1.4 Vdc, RS ≤ 100 W 5.0 Vdc ≤ VCC ≤ 30 Vdc, with the inputs over the full common mode range (0 Vdc to
VCC −1.5 Vdc).
4. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant, independent of the output state.
5. The response time specified is for a 100 mV input step with 5.0 mV overdrive. For larger signals, 300 ns is typical.


Similar Part No. - LM239DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM239DR2 ONSEMI-LM239DR2 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
LM239DR2 ONSEMI-LM239DR2 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
LM239DR2G ONSEMI-LM239DR2G Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
LM239DR2G ONSEMI-LM239DR2G Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
LM239DR2G ONSEMI-LM239DR2G Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
More results

Similar Description - LM239DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com