Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97632-01 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 97632-01
Description  3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

97632-01 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 97632-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers 97632-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers 97632-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers 97632-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers 97632-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers 97632-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers 97632-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers 97632-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers 97632-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Advance Information
PE97632
Page 6 of 16
©2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0205-02
│ UltraCMOS™ RFIC Solutions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Operational supply current;
Prescaler enabled
VDD = 2.85 to 3.45 V
50
mA
IDD
Operational supply current;
Prescaler disabled
VDD = 2.85 to 3.45 V
10
mA
All Digital inputs: K[17:0], R[5:0], M[8:0], A[3:0], Direct,
Pre_en, Rand_en, M2_sel, Cpsel, Enh (contains a 70 kΩ pull-down resistor)
VIH
High level input voltage
VDD = 2.85 to 3.45 V
0.7 x VDD
V
VIL
Low level input voltage
VDD = 2.85 to 3.45 V
0.3 x VDD
V
IIH
High level input current
VIH = VDD = 3.45 V
+100
µA
IIL
Low level input current
VIL = 0, VDD = 3.45 V
-1
µA
Reference Divider input: fr
IIHR
High level input current
VIH = VDD = 3.45 V
+100
µA
IILR
Low level input current
VIL = 0, VDD = 3.45 V
-100
µA
Counter and phase detector outputs: PD_
D, PD_U
VOLD
Output voltage LOW
Iout = 6 mA
0.4
V
VOHD
Output voltage HIGH
Iout = -3 mA
VDD - 0.4
V
Digital test outputs: Dout
VOLD
Output voltage LOW
Iout = 200
µA
0.4
V
VOHD
Output voltage HIGH
Iout = -200
µA
VDD - 0.4
V
Lock detect outputs: (Cext, LD)
VOLC
Output voltage LOW, Cext
Iout = 0.1 mA
0.4
V
VOHC
Output voltage HIGH, Cext
Iout = -0.1 mA
VDD - 0.4
V
VOLLD
Output voltage LOW, LD
Iout = 1 mA
0.4
V
Table 5. DC Characteristics
VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified


Similar Part No. - 97632-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
97632-00 PSEMI-97632-00 Datasheet
1Mb / 16P
   3.5 GHz Delta-Sigma Modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
More results

Similar Description - 97632-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE9763 PSEMI-PE9763 Datasheet
353Kb / 15P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE9763 PEREGRINE-PE9763 Datasheet
290Kb / 15P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE97632 PSEMI-PE97632 Datasheet
435Kb / 15P
   3.5 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
PE97632DIE PSEMI-PE97632DIE Datasheet
1Mb / 16P
   3.5 GHz Delta-Sigma Modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
   20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
AK1543 AKM-AK1543 Datasheet
840Kb / 35P
   1300MHz Delta-Sigma FractionalSigma -N Frequency Synthesizer
logo
Texas Instruments
LMX2485 TI1-LMX2485_16 Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
logo
NXP Semiconductors
SA8028 PHILIPS-SA8028 Datasheet
278Kb / 28P
   2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
2002 Feb 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com