Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97632-11 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 97632-11
Description  3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

97632-11 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 97632-11 Datasheet HTML 3Page - List of Unclassifed Manufacturers 97632-11 Datasheet HTML 4Page - List of Unclassifed Manufacturers 97632-11 Datasheet HTML 5Page - List of Unclassifed Manufacturers 97632-11 Datasheet HTML 6Page - List of Unclassifed Manufacturers 97632-11 Datasheet HTML 7Page - List of Unclassifed Manufacturers 97632-11 Datasheet HTML 8Page - List of Unclassifed Manufacturers 97632-11 Datasheet HTML 9Page - List of Unclassifed Manufacturers 97632-11 Datasheet HTML 10Page - List of Unclassifed Manufacturers 97632-11 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Advance Information
PE97632
Page 7 of 16
Document No. 70-0205-02
│ www.psemi.com
©2006 Peregrine Semiconductor Corp. All rights reserved.
Table 6. AC Characteristics
VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Control Interface and Latches (see Figures 3, 4)
fClk
Serial data clock frequency
(Note 1)
10
MHz
tClkH
Serial clock HIGH time
30
ns
tClkL
Serial clock LOW time
30
ns
tDSU
Sdata set-up time to Sclk rising edge
10
ns
tDHLD
Sdata hold time after Sclk rising edge
10
ns
tPW
S_WR pulse width
30
ns
tCWR
Sclk rising edge to S_WR rising edge
30
ns
tCE
Sclk falling edge to E_WR transition
30
ns
tWRC
S_WR falling edge to Sclk rising edge
30
ns
tEC
E_WR transition to Sclk rising edge
30
ns
Main Divider (Including Prescaler) (Note 4)
Fin
Operating frequency
275
3200
MHz
PFin
Input level range
External AC coupling
-5
5
dBm
Main Divider (Prescaler Bypassed) (Note 4)
Fin
Operating frequency
50
300
MHz
PFin
Input level range
External AC coupling
-5
5
dBm
Reference Divider
fr
Operating frequency
(Note 3)
100
MHz
Pfr
Reference input power (Note 2)
Single ended input
-2
dBm
Phase Detector
fc
Comparison frequency
(Note 3)
50
MHz
SSB Phase Noise (Fin = 1.9 GHz, fr = 20 MHz, fc = 20 MHz, LBW = 50 kHz, VDD = 3.3 V, Temp = 25° C) (Note 4)
ΦN
Phase Noise
1 kHz Offset
-97
dBc/Hz
ΦN
Phase Noise
10 kHz Offset
-102
dBc/Hz
Note 1:
fclk is verified during the functional pattern test. Serial programming sections of the functional pattern are clocked at 10 MHz to verify fclk
specification.
Note 2:
CMOS logic levels can be used to drive reference input if DC coupled. Voltage input needs to be a minimum of 0.5 Vp-p. For optimum
phase noise performance, the reference input falling edge rate should be faster than 80mV/ns.
Note 3:
Parameter is guaranteed through characterization only and is not tested.
Note 4:
Parameter below are not tested for die sales. These parameters are verified during the element evaluation per the die flow.


Similar Part No. - 97632-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
97632-00 PSEMI-97632-00 Datasheet
1Mb / 16P
   3.5 GHz Delta-Sigma Modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
97632-98 PSEMI-97632-98 Datasheet
1Mb / 16P
   3.5 GHz Delta-Sigma Modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
97632-99 PSEMI-97632-99 Datasheet
1Mb / 16P
   3.5 GHz Delta-Sigma Modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
More results

Similar Description - 97632-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE9763 PSEMI-PE9763 Datasheet
353Kb / 15P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE9763 PEREGRINE-PE9763 Datasheet
290Kb / 15P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE97632 PSEMI-PE97632 Datasheet
435Kb / 15P
   3.5 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
PE97632DIE PSEMI-PE97632DIE Datasheet
1Mb / 16P
   3.5 GHz Delta-Sigma Modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
   20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
AK1543 AKM-AK1543 Datasheet
840Kb / 35P
   1300MHz Delta-Sigma FractionalSigma -N Frequency Synthesizer
logo
Texas Instruments
LMX2485 TI1-LMX2485_16 Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
logo
NXP Semiconductors
SA8028 PHILIPS-SA8028 Datasheet
278Kb / 28P
   2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
2002 Feb 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com