Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRXXH224 Datasheet(PDF) 3 Page - International Rectifier

Part # IRXXH224
Description  POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRXXH224 Datasheet(HTML) 3 Page - International Rectifier

  IRXXH224 Datasheet HTML 1Page - International Rectifier IRXXH224 Datasheet HTML 2Page - International Rectifier IRXXH224 Datasheet HTML 3Page - International Rectifier IRXXH224 Datasheet HTML 4Page - International Rectifier IRXXH224 Datasheet HTML 5Page - International Rectifier IRXXH224 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.irf.com
3
The pre-heat time is determined by an RC combination formed by R3 and C3 and the voltage of
zener diode D1. When the voltage across C3 reaches the magnitude of the zener diode D1 + the
turn-on threshold of Q1, capacitor C6 is shorted out and the frequency shifts to the final running
frequency. The final running frequency is given by the formula:
)
5
)(
6
(
4
.
1
1
C
R
f
run =
The final component values, shown in Bill of Materials, were chosen to operate a 13 watt compact
fluorescent lamp with a cathode resistance at cold of 4 ohms. If a lamp is used which has a different
cathode resistance the component values for the pre-heat frequency selection will need to be changed.
The ballast circuit was operated at various temperatures from 25 degrees C to 105 degrees C with
little or no change in the operating characteristics.
The IR Family of Integrated Half-Bridge Products (9-pin SIP Package)
Part Number
Maximum
Voltage
Rds(on)
at 25C
Target Applications
(Spec only for ZVS)
IRxxH214, HD214
250V
2.0
110VAC, 5W-15W
IRxxH224, HD224
250V
1.1
110VAC, 15W-25W
IRxxH737, HD737
300V
0.75
110VAC, 25W-35W
IRxxH310, HD310
400V
3.6
220VAC, 5W-15W
IRxxH320, HD320
400V
1.8
220VAC, 15W-25W
IRxxH420, HD420
500V
3.0
220VAC, 10W-20W
1) IC options for the half-bridge products include IR2101, IR2102, IR2103, IR2104, IR2151, IR2152,
IR2153, IR2154. Use the last two digits of the IC part number for the “xx” designator.
2) The “H” option contains only the Control IC and MOSFET half-bridge. The “HD” option contains
the Control IC, Bootstrap Diode and MOSFET half-bridge.


Similar Description - IRXXH224

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IRPLLNR1 IXYS-IRPLLNR1 Datasheet
790Kb / 15P
   POWIRLIGHT REFERENCE DESIGN : LINEAR BALLAST
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
   Digitally Addressable DALI Dimming Ballast Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
logo
Fairchild Semiconductor
ABR-42022 FAIRCHILD-ABR-42022 Datasheet
68Kb / 4P
   ML4833 220V Non-Dimming Ballast Design
logo
International Rectifier
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Laird Tech Smart Techno...
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
   Compact design
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com