Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8854-43PA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS8854-43PA
Description  350mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8854-43PA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS8854-43PA Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8854-43PA Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8854-43PA Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8854-43PA Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8854-43PA Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8854-43PA Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8854-43PA Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8854-43PA Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8854-43PA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FS8854
350mA LDO Linear Regulator
Fortune Semiconductor Corp.
TEL : +886-2-2809-4742
1/13
TD-0410025
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
G
Geen
neerraall D
Deessccrriip
pttiioon
n
The FS8854 is a low-dropout linear regulator that
operations in the input voltage range from +2.5V
to +6.5V and delivers 350mA output current.
The high-accuracy output voltage is preset at an
internally trimmed voltage 2.5V or 3.3V. Other
output voltages can be mask-optioned from 1.3V
to
5.0V
with
100mV
increment,
except
FS8854-29Cx which has 2.85V output voltage.
The FS8854 consist of a 1.25V bandgap
reference, an error amplifier, and a P-channel
pass
transistor.
Other
features
include
short-circuit protection and thermal shutdown
protection. The FS8854 devices are available in
TO-92, SOT-89 and SOT-23 packages.
F
Feeaattu
urreess
Low dropout voltage 500mV at 350mA
(Typ.)
Up to ±35mV output voltage accuracy
Preset at 2.5V, 3.3V
Mask option from 1.3V to 5.0V
Small output capacitor
Output current limit
Thermal overload shutdown
protection
TO-92, SOT-89 and SOT-23 Package
A
Ap
pp
plliiccaattiioon
nss
Battery Powered Equipment
Palmtops
Portable Cameras and Video Recorders
Reference Voltage Sources
Post Regulator for Switching Power
O
Orrd
deerriin
ngg IIn
nffoorrm
maattiioon
n
FS8854-xx x x
Package
Pin Out
A : SOT-23
1.IN
2.GND 3.OUT
B : SOT-23
1.GND 2.IN
3.OUT
C : SOT-23
1.GND 2.OUT 3.IN
V : SOT-23
1.OUT 2.GND 3.IN
D : TO-92
1.IN
2.GND 3.OUT
E : TO-92
1.GND 2.IN
3.OUT
F : TO-92
1.OUT 2.GND 3.IN
W : TO-92
1.GND 2.OUT 3.IN
K : SOT-89
1.IN
2.GND 3.OUT
L : SOT-89
1.GND 2.IN
3.OUT
I : SOT-89
1.OUT 2.GND 3.IN
Y : SOT-89
1.GND 2.OUT 3.IN
Temperature Range
C : Commercial Standard
P : Commercial Standard, Lead(Pb) Free and
Phosphorous(P) Free Package
Output Voltage
13 : 1.3V
26 : 2.6V
39 : 3.9V
14 : 1.4V
27 : 2.7V
40 : 4.0V
15 : 1.5V
28 : 2.8V
41 : 4.1V
16 : 1.6V
29 : 2.85V
42 : 4.2V
17 : 1.7V
30 : 3.0V
43 : 4.3V
18 : 1.8V
31 : 3.1V
44 : 4.4V
19 : 1.9V
32 : 3.2V
45 : 4.5V
20 : 2.0V
33 : 3.3V
46 : 4.6V
21 : 2.1V
34 : 3.4V
47 : 4.7V
22 : 2.2V
35 : 3.5V
48 : 4.8V
23 : 2.3V
36 : 3.6V
49 : 4.9V
24 : 2.4V
37 : 3.7V
50 : 5.0V
25 : 2.5V
38 : 3.8V
Note : Mask option output types are
available by order only.


Similar Part No. - FS8854-43PA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853-13CA ETC-FS8853-13CA Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CB ETC-FS8853-13CB Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CC ETC-FS8853-13CC Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
More results

Similar Description - FS8854-43PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5952 TI-LP5952_15 Datasheet
1Mb / 22P
[Old version datasheet]   350mA Dual Rail Linear Regulator
logo
ams AG
AS1372 AMSCO-AS1372 Datasheet
855Kb / 14P
   350mA Dual Rail Linear Regulator
logo
Texas Instruments
LP5952 TI1-LP5952_14 Datasheet
1Mb / 27P
[Old version datasheet]   350mA Dual Rail Linear Regulator
logo
National Semiconductor ...
LP5952 NSC-LP5952_08 Datasheet
3Mb / 16P
   350mA Dual Rail Linear Regulator
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
   350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com