Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA208-600C Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BTA208-600C
Description  Three quadrant triacs high commutation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA208-600C Datasheet(HTML) 3 Page - NXP Semiconductors

  BTA208-600C Datasheet HTML 1Page - NXP Semiconductors BTA208-600C Datasheet HTML 2Page - NXP Semiconductors BTA208-600C Datasheet HTML 3Page - NXP Semiconductors BTA208-600C Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Philips Semiconductors
Objective specification
Three quadrant triacs
BTA208 series D, E and F
guaranteed commutation
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.1. SOT78 (TO220AB). pin 2 connected to mounting base.
Notes
1. Refer to mounting instructions for SOT78 (TO220) envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10,3
max
3,7
2,8
3,0
3,0 max
not tinned
1,3
max
(2x)
12 3
2,4
0,6
4,5
max
5,9
min
15,8
max
1,3
2,54 2,54
0,9 max (3x)
13,5
min
October 1999
3
Rev 1.200


Similar Part No. - BTA208-600C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208-600C PHILIPS-BTA208-600C Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA208-600C PHILIPS-BTA208-600C Datasheet
25Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA208-600C PHILIPS-BTA208-600C Datasheet
21Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
More results

Similar Description - BTA208-600C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com