Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML12451W Datasheet(PDF) 1 Page - Sanken electric

Part # SML12451W
Description  5phi Round Bicolor LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SML12451W Datasheet(HTML) 1 Page - Sanken electric

  SML12451W Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
45
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
5
φ Round Bicolor LED
SML10051 Series
Directivity (Typical)
External Dimensions
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V4
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
SEL10051Series
(Unit: mm)
1.9
2.0
SML12451W Diffused white
Electrical Optical characteristics (Ta=25
°C)
qCommon cathode (Internal wiring diagram 1)
2.5
2.5
Red
Green
10
10
4
4
40
60
20
20
630
560
35
20
GaAsP
GaP
10
10
10
10
10
10
1.7
2.4
SML16751WN Diffused white
qCommon anode (Internal wiring diagram 2)
2.2
3.0
Yellow
10
10
4
4
50
60
20
20
660
570
30
30
GaAlAs
GaP
10
10
10
10
10
10
Resin heap1.5max
17.0min
(2.0)
0.5±0.1
Resin burr 0.3max
1.0min 1.5min
9.6±
0.2
11.6±
0.5
0.8 1.2
90
°
60
°
30
°
0
° A
B
90
°
60
°
30
°
0
50
100%
50
100%
Tolerance:
±0.3
A
B
A
B
Internal wiring
diagram 1
Internal wiring
diagram 2
AB
AB
High-
intensity red


Similar Part No. - SML12451W

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SML12451W SANKEN-SML12451W Datasheet
429Kb / 2P
   5phi Round Bicolor LEDs
More results

Similar Description - SML12451W

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SML1016 SANKEN-SML1016 Datasheet
34Kb / 1P
   5phi Round Standard Bicolor LED
SML10051 SANKEN-SML10051_08 Datasheet
429Kb / 2P
   5phi Round Bicolor LEDs
SML1016 SANKEN-SML1016_08 Datasheet
444Kb / 2P
   5phi Round Standard Bicolor LEDs
SID300 SANKEN-SID300 Datasheet
27Kb / 1P
   5phi Round Infrared LED
SEL1010M SANKEN-SEL1010M Datasheet
24Kb / 1P
   5phi Round Standard LED
SID1010M SANKEN-SID1010M Datasheet
26Kb / 1P
   5phi Round Infrared LED
SEL1010XM SANKEN-SEL1010XM Datasheet
26Kb / 1P
   5phi Round Wide-directivity LED
SEL1010 SANKEN-SEL1010_08 Datasheet
426Kb / 2P
   5phi Round Standard LED (With Stopper)
SEL1010 SANKEN-SEL1010 Datasheet
27Kb / 1P
   5phi Round Standard LED (With Stopper)
SID1050M SANKEN-SID1050M Datasheet
24Kb / 1P
   5phi Round Infrared LED (Direct Mount)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com