Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4424DWR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP4424DWR2
Description  3A Dual High-Speed MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4424DWR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP4424DWR2 Datasheet HTML 3Page - ON Semiconductor NCP4424DWR2 Datasheet HTML 4Page - ON Semiconductor NCP4424DWR2 Datasheet HTML 5Page - ON Semiconductor NCP4424DWR2 Datasheet HTML 6Page - ON Semiconductor NCP4424DWR2 Datasheet HTML 7Page - ON Semiconductor NCP4424DWR2 Datasheet HTML 8Page - ON Semiconductor NCP4424DWR2 Datasheet HTML 9Page - ON Semiconductor NCP4424DWR2 Datasheet HTML 10Page - ON Semiconductor NCP4424DWR2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCP4423, NCP4424, NCP4425
http://onsemi.com
7
TYPICAL ELECTRICAL CHARACTERISTICS
20
10
10
100
40
60
50
30
1000
0
20
10
100
1000
40
60
CLOAD (pF)
Figure 15. Supply Current vs. Capacitive Load
50
30
10000
VDD = 18 V
634 kHz
Figure 16. Supply Current vs. Frequency
70
20
100
1000
40
60
50
30
10000
80
90
70
20
0
100
40
60
50
30
1000
80
90
100
CLOAD (pF)
40
0
100
80
60
1000
10000
10
1000
FREQUENCY (kHz)
100
0
112.5 kHz
355 kHz
200 kHz
20
120
40
0
100
80
60
20
120
Figure 17. Supply Current vs. Capacitive Load
Figure 18. Supply Current vs. Frequency
VDD = 12 V
2 MHz
634 kHz
355 kHz
VDD = 18 V
3300 pF
1000 pF
10,000 pF
100 pF
VDD = 12 V
3300 pF
1000 pF
10,000 pF
100 pF
VDD = 6 V
2 MHz
355 kHz
VDD = 6 V
10,000 pF
CLOAD (pF)
FREQUENCY (kHz)
10
0
1.125 MHz
10
0
4700 pF
2200 pF
1000 pF
100 pF
1.125 MHz
634 kHz
355 kHz
112.5 kHz
20 kHz
63.4 kHz
200 kHz
20 kHz
63.4 kHz
35.5 kHz
20 kHz
112.5 kHz
100 pF
FREQUENCY (kHz)
Figure 19. Supply Current vs. Capacitive Load
Figure 20. Supply Current vs. Frequency


Similar Part No. - NCP4424DWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
NCP4420DR2 ONSEMI-NCP4420DR2 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
NCP4420P ONSEMI-NCP4420P Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
NCP4421 ONSEMI-NCP4421 Datasheet
141Kb / 12P
   9.0 A High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
NCP4422 ONSEMI-NCP4422 Datasheet
141Kb / 12P
   9.0 A High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results

Similar Description - NCP4424DWR2

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
   3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
   3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com