Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21851SPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS21851SPBF
Description  SINGLE HIGH SIDE DRIVER IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21851SPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS21851SPBF Datasheet HTML 1Page - International Rectifier IRS21851SPBF Datasheet HTML 2Page - International Rectifier IRS21851SPBF Datasheet HTML 3Page - International Rectifier IRS21851SPBF Datasheet HTML 4Page - International Rectifier IRS21851SPBF Datasheet HTML 5Page - International Rectifier IRS21851SPBF Datasheet HTML 6Page - International Rectifier IRS21851SPBF Datasheet HTML 7Page - International Rectifier IRS21851SPBF Datasheet HTML 8Page - International Rectifier IRS21851SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.irf.com
3
IRS21851SPbF
Dynamic Electrical Characteristics
(VCC-COM)=(VB-VS)=15 V, TA = 25 oC. CL = 1000 pF unless otherwise specified. All parameters are referenced to COM.
Symbol
Definition
Min. Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
160
210
(VS -COM) = 0 V
toff
Turn-off propagation delay
160
210
(VS -COM) = 600 V
tr
Turn-on rise time
15
40
t f
Turn-off fall time
15
40
ns
Symbol
Definition
Min. Typ. Max. Units Test Conditions
VCCUV+
VCC supply undervoltage positive going threshold
8.0
8.9
9.8
VCCUV-
VCC supply undervoltage negative going threshold
7.4
8.2
9.0
VBSUV+
VBS supply undervoltage positive going threshold
8.0
8.9
9.8
VBSUV-
VBS supply undervoltage negative going threshold
7.4
8.2
9.0
ILK
High-side floating well offset supply leakage current —
50
VB = VS = 600 V
IQBS
Quiescent VBS supply current
80
150
IQCC
Quiescent VCC supply current
120
240
VIH
Logic “1” input voltage
2.5
VIL
Logic “0” input voltage
0.8
VOH, HO
HO high level output voltage, VBIAS - VO
20
60
VOL, HO
HO low level output voltage, VO
10
30
IIN+
Logic “1” input bias current
10
20
VHIN = 5 V
IIN-
Logic “0” input bias current
0
5
VHIN = 0 V
IO+,HO
Output high short circuit pulsed current HO
4
VO = 0 V, VIN = 0 V
PW ≤ 10 µs
IO-, HO
Output low short circuit pulsed current HO
4
VO = 15 V, VIN = 15 V
PW ≤ 10 µs
Static Electrical Characteristics
(VCC-COM)=(VB-VS)=15 V. The VIN, VTH, and IIN parameters are referenced to COM. The VO and IO parameters are
referenced respective VS and are applicale to the respective output leads HO. The VCC parameters are referenced to
COM. The VBSUV parameters are referenced to VS.
V
mV
µA
µA
A
IO = 2 mA
HIN = 0 V or 5 V
V


Similar Part No. - IRS21851SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21850S IRF-IRS21850S Datasheet
344Kb / 20P
   Gate drive supply range from 10 V to 20 V
IRS21850SPBF IRF-IRS21850SPBF Datasheet
344Kb / 20P
   Gate drive supply range from 10 V to 20 V
IRS21850SPBF IRF-IRS21850SPBF Datasheet
344Kb / 20P
   SINGLE HIGH SIDE DRIVER IC
IRS21850SPBF IRF-IRS21850SPBF_15 Datasheet
344Kb / 20P
   SINGLE HIGH SIDE DRIVER IC
IRS21850STRPBF IRF-IRS21850STRPBF Datasheet
344Kb / 20P
   Gate drive supply range from 10 V to 20 V
More results

Similar Description - IRS21851SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21850SPBF IRF-IRS21850SPBF_15 Datasheet
344Kb / 20P
   SINGLE HIGH SIDE DRIVER IC
IRS44273L IRF-IRS44273L Datasheet
1Mb / 15P
   Single Low-Side Driver IC
IRS44273L IRF-IRS44273L_15 Datasheet
461Kb / 15P
   Single Low-Side Driver IC
logo
Infineon Technologies A...
IRS44273LPBF INFINEON-IRS44273LPBF Datasheet
588Kb / 15P
   Single Low-Side Driver IC
January 15, 2015
logo
International Rectifier
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21952SPBF IRF-IRS21952SPBF_15 Datasheet
209Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF_15 Datasheet
188Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21952SPBF IRF-IRS21952SPBF Datasheet
194Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF Datasheet
173Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com