Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCD7N60TM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FCD7N60TM
Description  600V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD7N60TM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FCD7N60TM Datasheet HTML 1Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 2Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 3Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 4Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 5Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 6Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 7Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 8Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FCD7N60/FCU7N60 Rev. A0
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
* Notes :
1. V
GS = 0V
2. I
D = 250µA
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
* Notes :
1. V
GS = 10 V
2. I
D = 3.5 A
T
J, Junction Temperature [
oC]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
Operation in This Area
is Limited by R
DS(on)
DC
10 ms
1 ms
100 µs
* Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0.0
2.5
5.0
7.5
10.0
T
C, Case Temperature [
oC]
Figure 11. Transient Thermal Response Curve
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* N o te s :
1 . Z
θ JC (t) = 1 .5
oC/W Max.
2 . D u ty F a c to r, D = t
1 /t2
3 . T
JM - T C = P DM * Z θ JC (t)
single pulse
D= 0 .5
0.02
0.2
0.05
0.1
0.01
t
1 , S q ua r e W a v e P uls e D ur at ion [ s e c ]
t1
PDM
t2


Similar Part No. - FCD7N60TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCD7N60TM FAIRCHILD-FCD7N60TM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FCD7N60TM-WS FAIRCHILD-FCD7N60TM-WS Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FCD7N60TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com