Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-8601S Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # IRM-8601S
Description  Infrared Remote-control Receiver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-8601S Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  IRM-8601S Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-8601S Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DMO-860-014
REV :
1.1
ECN :
PAGE :
7/8
Infrared Remote-control Receiver Module
MODEL NO :
IRM-8601S
█ Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level: 90%
LTPD: 10%
Test Items
Test Conditions
Failure Judgement
Criteria
Samples(n)
Defective(c)
Operation life
Vcc=5V,Ta:25℃
1000hrs
n=22,c=0
Temperature cycle
1 cycle
-40℃ +25℃ +85℃
(30min)(5min)(30min)
50 cycle test
n=22,c=0
Thermal shock
-10℃
to
+100℃
(5min) (10sec) (5min)
50 cycle test
L
0≦ L× 0.8
L
45≦ L× 0.8
n=22,c=0
High temperature
storage
Temp: +85℃
1000hrs
n=22,c=0
Low temperature
storage
Temp: -40℃
1000hrs
n=22,c=0
High temperature
High humidity
Ta: 85℃,RH:85%
1000hrs
n=22,c=0
Solder heat
Temp: 260± 5℃ 5sec
4mm From the bottom of the
package.
L: Lower
specification limit
n=22,c=0
Solderability
Temp: 230± 5℃ 5sec
4mm From the bottom of the
package.
More than 90% of
Lead to be covered
by soldering
n=22,c=0


Similar Part No. - IRM-8601S

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8601S EVERLIGHT-IRM-8601S Datasheet
252Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S-1 EVERLIGHT-IRM-8601S-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S-2 EVERLIGHT-IRM-8601S-2 Datasheet
252Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S-5 EVERLIGHT-IRM-8601S-5 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S-P EVERLIGHT-IRM-8601S-P Datasheet
233Kb / 9P
   Infrared Remote-Control Receiver Module
More results

Similar Description - IRM-8601S

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com