Electronic Components Datasheet Search |
|
IRM-8601S Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd |
|
IRM-8601S Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd |
1 / 8 page EVERLIGHT ELECTRONICS CO., LTD. DEVICE NUMBER : DMO-860-014 REV : 1.1 ECN : PAGE : 1/8 Infrared Remote-control Receiver Module MODEL NO : IRM-8601S █ █ █ █ Features : •High protection ability to EMI and metal case can be customized. •Mold type and metal case type to meet the design of front panel. •Elliptic lens to improve the characteristic against •Line-up for various center carrier frequencies. •Low voltage and low power consumption. •High immunity against ambient light. •Photodiode with integrated circuit. •TTL and CMOS compatibility. •Long reception distance. •High sensitivity. █ █ █ █ Description : •The device is a miniature type infrared remote control system receiver which has been developed and designed by utilizing the most updated IC technology. The PIN diode and preamplifier are assembled on lead frame, the epoxy package is designed as an IR filter. The demodulated output signal can directly be decoded by a microprocessor. █ █ █ █ Applications : 1. Optical switch 2. Light detecting portion of remote control •AV instruments such as Audio, TV, VCR, CD, MD, etc. •Home appliances such as Air-conditioner, Fan , etc. •The other equipments with wireless remote control. •CATV set top boxes •Multi-media Equipment PART MATERIAL COLOR Chip Silicon Black Shell Tinplate Silver-white |
Similar Part No. - IRM-8601S |
|
Similar Description - IRM-8601S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |