Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12179 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC12179
Description  500 - 2800 MHz Single Channel Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12179 Datasheet(HTML) 5 Page - Motorola, Inc

  MC12179 Datasheet HTML 1Page - Motorola, Inc MC12179 Datasheet HTML 2Page - Motorola, Inc MC12179 Datasheet HTML 3Page - Motorola, Inc MC12179 Datasheet HTML 4Page - Motorola, Inc MC12179 Datasheet HTML 5Page - Motorola, Inc MC12179 Datasheet HTML 6Page - Motorola, Inc MC12179 Datasheet HTML 7Page - Motorola, Inc MC12179 Datasheet HTML 8Page - Motorola, Inc MC12179 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC12179
5
MOTOROLA RF/IF DEVICE DATA
CI + CAMP ) CSTRAY )
C1
C2
C1
) C2
Provided the crystal and associated components are
located immediately next to the IC, thus minimizing the stray
capacitance, the combined value of CAMP and CSTRAY is
approximately 5pF. Note that the location of the OSCin and
OSCout pins at the end of the package, facilitates placing the
crystal, resistor and the C1 and C2 capacitors very close to
the device. Usually, one of the capacitors is in parallel with an
adjustable capacitor used to trim the frequency of oscillation.
It is important that the total external (to the IC) capacitance
seen by either OSCin or OSCout, be no greater than 30pF.
In operation, the crystal oscillator will start up with the
application of power. If the crystal is in a can that is not
grounded it is often possible to monitor the frequency of
oscillation by connecting an oscilloscope probe to the can;
this technique minimizes any disturbance to the circuit. If a
malfunction is indicated, a high impedance, low capacitance,
FET probe may be connected to either OSCin or OSCout.
Signals typically seen at those points will be very nearly
sinusoidal with amplitudes of roughly 300 to 600 mVpp.
Some distortion is inevitable and has little bearing on the
accuracy of the signal going to the phase detector.
Loop Filter Design
Because the device is designed for a non–frequency agile
synthesizer (i.e., how fast it tunes is not critical) the loop filter
design is very straight forward. The current output of the
charge pump allows the loop filter to be realized without the
need of any active components. The preferred topology for
the filter is illustrated below in Figure 5.
Figure 5. Loop Filter
MC12179
Ph/Frq
Det
Chrg
Pump
Xtl
Osc
÷256
Kp
N
Co
Ro
Ca
Rx
Cx
VCO
Kv
The Ro/Co components realize the primary loop filter. Ca is
added to the loop filter to provide for reference sideband
suppression. If additional suppression is needed, the Rx/Cx
realizes an additional filter. In most applications, this will not
be necessary. If all components are used, this results in a 4th
order PLL, which makes analysis difficult. To simplify this, the
loop design will be treated as a 2nd order loop (Ro/Co) and
additional guidelines are provided to minimize the influence
of the other components. If more rigorous analysis is needed,
mathematical/system simulation tools can be used.
Component
Guideline
Ca
<0.1
× Co
Rx
>10
× Ro
Cx
<0.1
× Co
The focus of the design effort is to determine what the
loop’s natural frequency,
ωo, should be. This is determined by
Ro, Co, Kp, Kv, and N. Because Kp, Kv, and N are given, it is
only necessary to calculate values for Ro and Co. There are
3 considerations in selecting the loop bandwidth:
1) Maximum loop bandwidth for minimum tuning speed
2) Optimum loop bandwidth for best phase noise
performance
3) Minimum loop bandwidth for greatest reference
sideband suppression
Usually a compromise is struck between these 3 cases,
however, for the fixed frequency application, minimizing the
tuning speed is not a critical parameter.
To specify the loop bandwidth for optimal phase noise
performance, an understanding of the sources of phase
noise in the system and the effect of the loop filter on them is
required. There are 3 major sources of phase noise in the
phase–locked loop – the crystal reference, the VCO, and the
loop contribution. The loop filter acts as a low–pass filter to
the crystal reference and the loop contribution equal to the
total divide–by–N ratio. This is mathematically described in
Figure 10. The loop filter acts as a high–pass filter to the VCO
with an in–band gain equal to unity. This is described in
Figure 11. The loop contribution includes the PLL IC, as well
as noise in the system; supply noise, switching noise, etc.
For this example, a loop contribution of 15 dB has been
selected, which corresponds to data in Figure 14.
The crystal reference and the VCO are characterized as
high–order 1/f noise sources. Graphical analysis is used to
determine the optimum loop bandwidth. It is necessary to
have noise plots from the manufacturer. This method
provides a straightforward approximation suitable for quickly
estimating the optimal bandwidth. The loop contribution is
characterized as white–noise or low–order 1/f noise given in
the form of a noise factor which combines all the noise effects
into a single value. The phase noise of the Crystal Reference
is increased by the noise factor of the PLL IC and related
circuitry. It is further increased by the total divide–by–N ratio
of the loop. This is illustrated in Figure 6.
The point at which the VCO phase noise crosses the
amplified phase noise of the Crystal Reference is the point of
the optimum loop bandwidth. In the example of Figure 6, the
optimum bandwidth is approximately 15 KHz.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC12179

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC12179D LANSDALE-MC12179D Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
MC12179D LANSDALE-MC12179D Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
More results

Similar Description - MC12179

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179 Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
ML12179 LANSDALE-ML12179_08 Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
logo
Mallory Sonalert Produc...
PS-551DGQ MSPI-PS-551DGQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554DY-AQ MSPI-PS-554DY-AQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-24AQ MSPI-PS-550DG-24AQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-551DYQ MSPI-PS-551DYQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806SQ MSPI-MAS806SQ Datasheet
112Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554F-12V-VRQ MSPI-PS-554F-12V-VRQ Datasheet
100Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com