Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12179 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC12179
Description  500 - 2800 MHz Single Channel Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12179 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC12179 Datasheet HTML 3Page - Motorola, Inc MC12179 Datasheet HTML 4Page - Motorola, Inc MC12179 Datasheet HTML 5Page - Motorola, Inc MC12179 Datasheet HTML 6Page - Motorola, Inc MC12179 Datasheet HTML 7Page - Motorola, Inc MC12179 Datasheet HTML 8Page - Motorola, Inc MC12179 Datasheet HTML 9Page - Motorola, Inc MC12179 Datasheet HTML 10Page - Motorola, Inc MC12179 Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MC12179
8
MOTOROLA RF/IF DEVICE DATA
1k
10k
100k
1M
10M
40M
–170
–150
–100
–50
0
–125
–75
–25
L(f) [dBc/Hz] vs f[Hz]
HP 3048A
CARRIER
2200MHz
Figure 13. VCO Output Spectrum with MC12179, VCC = 5.0 V
(ECLiPTEK 8.9 MHz Crystal and ZCOM 2500 VCO)
Figure 14. Typical Phase Noise Plot, 2200 MHz VCO
(With the MC12179 in a Closed Loop)
NOTE: Spurs can be reduced further by narrowing the loop bandwidth of the PLL loop filter and/or
adding an extra filter (Rx/Cx)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC12179

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC12179D LANSDALE-MC12179D Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
MC12179D LANSDALE-MC12179D Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
More results

Similar Description - MC12179

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179 Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
ML12179 LANSDALE-ML12179_08 Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
logo
Mallory Sonalert Produc...
PS-551DGQ MSPI-PS-551DGQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554DY-AQ MSPI-PS-554DY-AQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-24AQ MSPI-PS-550DG-24AQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-551DYQ MSPI-PS-551DYQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806SQ MSPI-MAS806SQ Datasheet
112Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554F-12V-VRQ MSPI-PS-554F-12V-VRQ Datasheet
100Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com