Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9490FA Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC9490FA
Description  Digital Servo Single-Chip Processor for Use in CD Player
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9490FA Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC9490FA Datasheet HTML 2Page - Toshiba Semiconductor TC9490FA Datasheet HTML 3Page - Toshiba Semiconductor TC9490FA Datasheet HTML 4Page - Toshiba Semiconductor TC9490FA Datasheet HTML 5Page - Toshiba Semiconductor TC9490FA Datasheet HTML 6Page - Toshiba Semiconductor TC9490FA Datasheet HTML 7Page - Toshiba Semiconductor TC9490FA Datasheet HTML 8Page - Toshiba Semiconductor TC9490FA Datasheet HTML 9Page - Toshiba Semiconductor TC9490FA Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TC9490F/FA
2001-09-03
6
Electrical Characteristics (unless otherwise specified, VDD5
==== 5 V, VDD3 ==== AVDD3 ==== DVDD3 ====
XVDD3
==== PVDD3 ==== 3.3 V, Ta ==== 25°C)
DC Characteristics
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VDD5
¾
¾
4.5
5.0
5.5
VDD3
¾
¾
AVDD3
¾
¾
DVDD3
¾
¾
XVDD3
¾
¾
Operating power supply voltage
PVDD3
¾
¾
3.0
3.3
3.6
V
IDD5
¾
¾
2
5
Normal
speed
IDD3
¾
¾
30
50
IDD5
¾
¾
2.5
6
Double
speed
IDD3
¾
¾
35
60
IDD5
¾
¾
3
7
Operating power supply
current
4 times
speed
IDD3
¾
XI
= 16.9344 MHz
¾
40
70
mA
“H” level
VIH5
¾
3.5
¾
¾
Input voltage 1
“L” level
VIL5
¾
CMOS input pins except for analog
input pins (5 V)
¾
¾
1.5
V
“H” level
IIH5
¾
VIH5 = 5 V
¾
¾
1.0
Input current 1
“L” level
IIL5
¾
VIL5 = 0 V
-1.0
¾
¾
mA
“H” level
ITLH5
¾
VIH5 = 5 V
¾
¾
1.0
Tri-state leak current 1
“L” level
ITLL5
¾
VIL5 = 0 V
Pins grouped as 1,
2, 3 in the following
table
-1.0
¾
¾
mA
“H” level
IOH5
¾
VOH5 = 4.6 V
¾
¾
-2.0
“L” level
IOL5
¾
VOL5 = 0.4 V
Pins grouped as 1 in
the following table
2.0
¾
¾
“H” level
IOH5
¾
VOH5 = 4.6 V
¾
¾
-4.0
Output current 1
“L” level
IOL5
¾
VOL5 = 0.4 V
Pins grouped as 2
and 3 in the
following table
4.0
¾
¾-
mA
“H” level
VIH3
¾
2.3
¾
¾
Input voltage 2
“L” level
VIL3
¾
CMOS input pins except for analog
input pins (3 V)
¾
¾
1.0
V
“H” level
IIH3
¾
VIH3 = 3.3 V
¾
¾
1.0
Input current 2
“L” level
IIL3
¾
VIL3 = 0 V
-1.0
¾
¾
mA
“H” level
ITLH3
¾
VIH3 = 3.3 V
¾
¾
1.0
Tri-state leak current 2
“L” level
ITLL3
¾
VIL3 = 0 V
Pins grouped as 4
and 5 in the
following table
-1.0
¾
¾
mA
“H” level
IOH3
¾
VOH3 = 2.9 V
¾
¾
-2.0
“L” level
IOL3
¾
VOL3 = 0.4 V
Pins grouped as 4 in
the following table
2.0
¾
¾
mA
“H” level
IOH3
¾
VOH3 = 2.9 V
¾
-80
¾
“L” level
IOL3
¾
VOL3 = 0.4 V
Pins grouped as 5 in
the following table
¾
80
¾
“H” level
IOH3
¾
VOH3 = 2.9 V
¾
-121
¾
Output current 2
“L” level
IOL3
¾
VOL3 = 0.4 V
Pins grouped as 6 in
the following table
¾
121
¾
mA
VREF output on resistance
RON
¾
¾
¾
¾
500
W
Pull-up resistance
RUP
¾
Pins grouped as 8 in the following
table
25
50
75
k
W
RO1
¾
Pins grouped as 5 in the following
table
¾
5.0
¾
Pin built-in output resistance
RO2
¾
Pins grouped as 6 and 7 in the
following table
¾
3.3
¾
k
W


Similar Part No. - TC9490FA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC9491A TELCOM-TC9491A Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACOA TELCOM-TC9491ACOA Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACZM TELCOM-TC9491ACZM Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491B TELCOM-TC9491B Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491BCOA TELCOM-TC9491BCOA Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
More results

Similar Description - TC9490FA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC94A14F TOSHIBA-TC94A14F Datasheet
207Kb / 17P
   Digital Servo Single-Chip Processor for Use in CD Player
logo
Sony Corporation
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
logo
Mitsubishi Electric Sem...
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
   CD Player Digital Signal Processor
M50427FP MITSUBISHI-M50427FP Datasheet
848Kb / 17P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
M65821FP MITSUBISHI-M65821FP Datasheet
1Mb / 24P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
M65824AFP MITSUBISHI-M65824AFP Datasheet
182Kb / 23P
   CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
logo
Toshiba Semiconductor
TC9462F TOSHIBA-TC9462F_01 Datasheet
228Kb / 17P
   Digital Servo Single Chip Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com