Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC87C51 Datasheet(PDF) 11 Page - TEMIC Semiconductors

Part # TSC87C51
Description  CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C51 Datasheet(HTML) 11 Page - TEMIC Semiconductors

Back Button TSC87C51 Datasheet HTML 7Page - TEMIC Semiconductors TSC87C51 Datasheet HTML 8Page - TEMIC Semiconductors TSC87C51 Datasheet HTML 9Page - TEMIC Semiconductors TSC87C51 Datasheet HTML 10Page - TEMIC Semiconductors TSC87C51 Datasheet HTML 11Page - TEMIC Semiconductors TSC87C51 Datasheet HTML 12Page - TEMIC Semiconductors TSC87C51 Datasheet HTML 13Page - TEMIC Semiconductors TSC87C51 Datasheet HTML 14Page - TEMIC Semiconductors TSC87C51 Datasheet HTML 15Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TSC87C51
11
MATRA MHS
Rev. C
10 Sept 1997
Preliminary
+5V
VCC
P0.0–P0.7
P1.0–P1.7
P2.0–P2.3
VSS
GND
D0–D7
A0–A7
A8–A11
RST
EA/VPP
ALE/PROG
PSEN
P2.6
P2.7
P3.3
P3.7
P3.6
XTAL1
4 to 6 MHz
CONTROL
SIGNALS*
PROGRAM
SIGNALS*
* See Table 5 for proper value on these inputs
Figure 6 Set–up modes configuration
Programming algorithm
The Improved Quick Pulse algorithm is based on the Quick Pulse algorithm and decreases the number of pulses applied
during byte programming from 25 to 5.
To program the TSC87C51 the following sequence must be exercised:
D Step 1: Input the valid address on the address lines.
D Step 2: Input the appropriate data on the data lines.
D Step 3: Activate the combination of control signals.
D Step 4: Raise EA/VPP from VCC to VPP (typical 12.75V).
D Step 5: Pulse ALE/PROG 5 times.
Repeat step 1 through 5 changing the address and data for the entire array or until the end of the object file is reached
(see Figure 7).
Verify algorithm
Code array verify must be done after each byte or block of bytes is programmed. In either case, a complete verify of
the programmed array will ensure reliable programming of the TSC87C51.
To verify the TSC87C51 code the following sequence must be exercised :
D Step 1: Activate the combination of program signals.
D Step 2: Input the valid address on the address lines.
D Step 3: Input the appropriate data on the data lines.
D Step 4: Activate the combination of control signals.
Repeat step 2 through 4 changing the address and data for the entire array (see Figure 7).
The encryption array cannot be directly verified. Verification of the encryption array is done by observing that the code
array is well encrypted.


Similar Part No. - TSC87C51

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51-12CA TEMIC-TSC87C51-12CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C51-12CB TEMIC-TSC87C51-12CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C51-16CA TEMIC-TSC87C51-16CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
More results

Similar Description - TSC87C51

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com