Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7618ER-L Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP7618ER-L
Description  Constant Current LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7618ER-L Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP7618ER-L Datasheet HTML 2Page - Sipex Corporation SP7618ER-L Datasheet HTML 3Page - Sipex Corporation SP7618ER-L Datasheet HTML 4Page - Sipex Corporation SP7618ER-L Datasheet HTML 5Page - Sipex Corporation SP7618ER-L Datasheet HTML 6Page - Sipex Corporation SP7618ER-L Datasheet HTML 7Page - Sipex Corporation SP7618ER-L Datasheet HTML 8Page - Sipex Corporation SP7618ER-L Datasheet HTML 9Page - Sipex Corporation SP7618ER-L Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
0
Date: Dec 5-06 Rev E
Constant Current LED Driver
© 2006 Sipex Corporation
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Solved by
TM
Part Number
Operating Temperature Range
Package Type
SP768ER-L...................................-40°C to +85°C ............................Lead Free 8 Pin DFN
(2mm x 3mm)
SP768ER-L/TR ...... ......................-40°C to +85°C ............................Lead Free 8Pin DFN
(2mm x 3mm)
/TR = Tape and Reel
Pack quantity is 3,000 for DFN.


Similar Part No. - SP7618ER-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618ER-L/TR SIPEX-SP7618ER-L/TR Datasheet
87Kb / 6P
   Evaluation Board Manual
More results

Similar Description - SP7618ER-L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com