Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLBM-CS221 Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DLBM-CS221
Description  A Class 2 Bluetooth V1.2 HCI module Suitable for various applications.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DLBM-CS221 Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DLBM-CS221 Datasheet HTML 3Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 4Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 5Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 6Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 7Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 8Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 9Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 10Page - Delta Electronics, Inc. DLBM-CS221 Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DLBM-CS220/CS221
Data Sheet
Dec 08, 2004
Proprietary Information and Specifications are Subject to Change
Confidential
10.Pin description
Name
Pin No.
DLBM-CS220
DLBM-CS221
Description
1
GND
2
PIO_5
Programmable Input/Output Line
3
PIO_3
Programmable Input/Output Line
4
PIO_2
Programmable Input/Output Line
5
PIO_0
Programmable Input/Output Line
6
PIO_1
Programmable Input/Output Line
7
AIO_0
Programmable Input/Output Line
8
VREG_IN
Regulator Input
9
VDD_1.8
Positive Supply & 1.8V Regulated Output
10
GND
11
XTAL_IN
External Clock Input
/NC (Build-in XTAL)
12
XTAL_OUT
Drive for Crystal
/NC (Build-in XTAL)
13
UART_TX
UART Data Output Active High
14
UART_CTS
USB_DP
UART Clear To Send Active Low
/USB Data Plus


Similar Part No. - DLBM-CS221

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DLBM-CS222 DELTA-DLBM-CS222 Datasheet
82Kb / 9P
   Wireless communication module compliant with Bluetooth Specification V1.2.
More results

Similar Description - DLBM-CS221

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DLBM-CF121-MT00 DELTA-DLBM-CF121-MT00 Datasheet
392Kb / 39P
   A Class 2 Bluetooth module suitable for various applications.
logo
List of Unclassifed Man...
DLBM-CR320 ETC-DLBM-CR320 Datasheet
85Kb / 11P
   A Class 2 V2.0EDR Bluetooth HCI module suitable for various (mobile phones) applications
DFBM-CM221 ETC1-DFBM-CM221 Datasheet
379Kb / 9P
   A Class 2 Bluetooth module suitable for MP3 applications.
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
HBM1X1M HANAMICRON-HBM1X1M Datasheet
229Kb / 17P
   Bluetooth V1.2 Class 1 Module
logo
List of Unclassifed Man...
DLBM-CG121 ETC1-DLBM-CG121 Datasheet
318Kb / 40P
   A Class 2 Bluetooth module suitable for cellular phone, smart phone applications.
logo
Delta Electronics, Inc.
DLBM-CA120 DELTA-DLBM-CA120 Datasheet
199Kb / 17P
   A Class 2 Bluetooth module suitable for wireless Audio applications. (16, 64Kbit EEPROM)
DFBM-CR220 DELTA-DFBM-CR220 Datasheet
56Kb / 7P
   Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.2
logo
List of Unclassifed Man...
DFBM-CF320 ETC2-DFBM-CF320 Datasheet
142Kb / 11P
   A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
logo
STMicroelectronics
GS-BT2416C2.H STMICROELECTRONICS-GS-BT2416C2.H Datasheet
867Kb / 18P
   Bluetooth class 2 module with embedded HCI FW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com