Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BD6670FM Datasheet(PDF) 6 Page - Rohm

Part No. BD6670FM
Description  3Phase spindle motor driver for CD-RW
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6670FM Datasheet(HTML) 6 Page - Rohm

Back Button BD6670FM Datasheet HTML 2Page - Rohm BD6670FM Datasheet HTML 3Page - Rohm BD6670FM Datasheet HTML 4Page - Rohm BD6670FM Datasheet HTML 5Page - Rohm BD6670FM Datasheet HTML 6Page - Rohm BD6670FM Datasheet HTML 7Page - Rohm BD6670FM Datasheet HTML 8Page - Rohm BD6670FM Datasheet HTML 9Page - Rohm BD6670FM Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
BD6670FM
Motor driver ICs
6/17
!
!
!
!
Measuring circuit
Fig.2
12V
10k
0.5
VHB : Value of A
VPS=5V
IVH=10mA
VPSON : Range of VPS that output pins become
Input-output table
VPSOFF : Range of VPS that output become
open
ICC1 : Value of A
VPS=Low
ICC2 : Value of A
VPS=High
0.01
µ
1.65V
17V
V
5V
A
H1+
H2+
H3+
H1
H2
H3
Fig.3
VHAR : Hall in-phase input voltage range that
output pins become Input-output table
VINH : Hall minimum input level that output
pins become Input-output table
VHYS+/: Voltage difference H3
+ from H3−
at the point that FG voltage changes
5V
17V
5V
H1+
H2+
H3+
H1
H2
H3
12V
10k
0.5
0.01
µ
1.65V
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BD6609FV Spindle Motor Driver for CD/MD 1  2  Rohm
DBL2018-C 2 MOTOR DRIVER FOR A VTR 1  2  3  4  5  More List of Unclassifed Manufacturers
NCP3418B MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1  2  3  4  5  More ON Semiconductor
NCP3488 MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1  2  3  4  5  More ON Semiconductor
VLA503-01R DRIVER FOR IGBT MODULES 1  2  3  4  5  More Isahaya Electronics Corporation
VLA504-01R DRIVER FOR IGBT MODULES 1  2  3  4  5  More Isahaya Electronics Corporation
LB11862M Single-Phase Full-Wave Fan Motor Driver 1  2  3  4  5  Sanyo Semicon Device
IRMD22141SS Demo Board For 3-phase / 380V motor drives 1  2  3  4  5  More International Rectifier
NJU7327 Single-phase DC Brushless Motor Driver IC 1  2  3  4  5  More New Japan Radio
908E626 Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication 1  2  3  4  5  More Freescale Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn