Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD5580 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # SCD5580
Description  Serial Input Dot Addressable Intelligent Display
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SCD5580 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button SCD5580 Datasheet HTML 6Page - Siemens Semiconductor Group SCD5580 Datasheet HTML 7Page - Siemens Semiconductor Group SCD5580 Datasheet HTML 8Page - Siemens Semiconductor Group SCD5580 Datasheet HTML 9Page - Siemens Semiconductor Group SCD5580 Datasheet HTML 10Page - Siemens Semiconductor Group SCD5580 Datasheet HTML 11Page - Siemens Semiconductor Group SCD5580 Datasheet HTML 12Page - Siemens Semiconductor Group SCD5580 Datasheet HTML 13Page - Siemens Semiconductor Group SCD5580 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2–10
SCD5580/5581/5582/5583/5584
Socket manufacturers are Aries Electronics, Inc., French-
town, NJ; Garry Manufacturing, New Brunswick, NJ; Robin-
son-Nugent, New Albany, IN; and Samtec Electronic
Hardward, New Albany, IN.
For further information refer to Appnote 22 in the current Sie-
mens Optoelectronic Data Book.
Optical Considerations
The 0.145" high character of the SCD558X gives readability
up to eight feet. Proper filter selection enhances readability
over this distance.
Using filters emphasizes the contrast ratio between a lit LED
and the character background. This will increase the dis-
crimination of different characters. The only limitation is cost.
Take into consideration the ambient lighting environment for
the best cost/benefit ratio for filters.
Incandescent (with almost no green) or fluorescent (with
almost no red) lights do not have the flat spectral response of
sunlight. Plastic band-pass filters are an inexpensive and
effective way to strengthen contrast ratios. The SCD5580/2
are red/high efficiency red displays and should be matched
with long wavelength pass filter in the 570 nm to 590 nm
range. The SCD5583/4 should be matched with a yellow-
green band-pass filter that peaks at 565 nm. For displays of
multiple colors, neutral density grey filters offer the best com-
promise.
Additional contrast enhancement is gained by shading the
displays. Plastic band-pass filters with built-in louvers offer
the next step up in contrast improvement. Plastic filters can
be improved further with anti-reflective coatings to reduce
glare. The trade-off is fuzzy characters. Mounting the filters
close to the display reduces this effect. Take care not to
overheat the plastic filter by allowing for proper air flow.
Optimal filter enhancements are gained by using circular
polarized, anti-reflective, band-pass filters. The circular polar-
izing further enhances contrast by reducing the light that
travels through the filter and reflects back off the display to
less than 1%.
Several filter manufacturers supply quality filter materials.
Some of them are: Panelgraphic Corporation, W. Caldwell,
NJ; SGL Homalite, Wilmington, DE; 3M Company, Visual
Products Division, St. Paul, MN; Polaroid Corporation, Polar-
izer Division, Cambridge, MA; Marks Polarized Corporation,
Deer Park, NY, Hoya Optics, Inc., Fremont, CA.
One last note on mounting filters: recessing displays and
bezel assemblies is an inexpensive way to provide a shading
effect in overhead lighting situations. Several Bezel manufac-
turers are: R.M.F. Products, Batavia, IL; Nobex Components,
Griffith Plastic Corp., Burlingame, CA; Photo Chemical Prod-
ucts of California, Santa Monica, CA; I.E.E.–Atlas, Van Nuys,
CA.
Microprocessor Interface
The microprocessor interface is through the serial port, SPI
port or one out of eight data bits on the eight bit parallel port
and also control lines SDCLK and LOAD.
Power Up Sequence
Upon power up display will come on at random. Thus the dis-
play should be reset at power-up. The reset will set the
Address Register to Digit 0, User RAM is set to 0 (display
blank) the Control Word is set to 0 (100% brightness with
Lamp Test off) and the internal counters are reset.
Figure 12. SCD Interface to Siemens/Intel 8031 Microprocessor (using serial port in mode 0)
VCC
VCC
VCC
VCC
U1
8031
9 RST
18
19
XTAL2
XTAL1
40
RXD
TXD
10
11
28
27
23
20 19 16
15 28
27
23
2019 16
15
1 2
1 2
6
9
6
9
13 14
13 14
DATA
DATA
SCD
SCD
SLAVE
MASTER
LOAD
LOAD
SD
CLK
SD
CLK
22
µF
TAN
.01
µF
P3.7 17
P3.3 13
P3.4 14
+


Similar Part No. - SCD5580

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
   8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
More results

Similar Description - SCD5580

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SCE5780 OSRAM-SCE5780 Datasheet
777Kb / 15P
   Serial Input Dot Addressable Intelligent Display짰 Devices
logo
Siemens Semiconductor G...
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
   0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
   8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
OSRAM GmbH
SCD55100A OSRAM-SCD55100A Datasheet
699Kb / 17P
   Dot Addressable Intelligent Display짰 Devices
SCE5740 OSRAM-SCE5740 Datasheet
653Kb / 16P
   Dot Addressable Intelligent Display짰 Devices
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
   5x7 Dot Matrix Intelligent Display
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
logo
OSRAM GmbH
DLO4135 OSRAM-DLO4135 Datasheet
252Kb / 4P
   5 x 7 Dot Matrix Intelligent Display
logo
Siemens Semiconductor G...
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
   150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com