Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC703KP Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC703KP
Description  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC703KP Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DAC703KP Datasheet HTML 1Page - Burr-Brown (TI) DAC703KP Datasheet HTML 2Page - Burr-Brown (TI) DAC703KP Datasheet HTML 3Page - Burr-Brown (TI) DAC703KP Datasheet HTML 4Page - Burr-Brown (TI) DAC703KP Datasheet HTML 5Page - Burr-Brown (TI) DAC703KP Datasheet HTML 6Page - Burr-Brown (TI) DAC703KP Datasheet HTML 7Page - Burr-Brown (TI) DAC703KP Datasheet HTML 8Page - Burr-Brown (TI) DAC703KP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
®
DAC701, 702, 703
CONNECTION DIAGRAMS
–V
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
MSB
16-Bit
Ladder
Resistor
Network
and
Current
Switches
Digital
Inputs
Reference
Circuit
R
F
(4)
Voltage Models
Only
LSB
Digital
Inputs
(2)
+V
CC
270k
3.9M
(3)
(3)
0.0022µF
(2)
(2)
V
DD
CC
(1)
NOTES: (1) Can be tied to +VCC instead of having
separate VDD supply. (2) Decoupling capacitors are
0.1
µF to 1.0µF. (3) Potentiometers are 10kΩ to
100k
Ω. (4) 5kΩ (DAC701), 10kΩ (DAC702/703).
ALL PACKAGES
PIN #
DAC702
DAC701/703
1
Bit 1 (MSB)
Bit 1 (MSB)
2
Bit 2
Bit 2
3
Bit 3
Bit 3
4
Bit 4
Bit 4
5
Bit 5
Bit 5
6
Bit 6
Bit 6
7
Bit 7
Bit 7
8
Bit 8
Bit 8
9
Bit 9
Bit 9
10
Bit 10
Bit 10
11
Bit 11
Bit 11
12
Bit 12
Bit 12
13
Bit 13
Bit 13
14
Bit 14
Bit 14
15
Bit 15
Bit 15
16
Bit 16 (LSB)
Bit 16 (LSB)
17
RFEEDBACK
VOUT
18
VDD
VDD
19
–VCC
–VCC
20
Common
Common
21
IOUT
Summing Junction (Zero Adjust)
22
Gain Adjust
Gain Adjust
23
+VCC
+VCC
24
+6.3V Reference Output
+6.3V Reference Output
ABSOLUTE MAXIMUM RATINGS(1)
+VCC to Common ........................................................................ 0V, +18V
–VCC to Common ........................................................................ 0V, –18V
VDD to Common .......................................................................... 0V, +18V
Digital Data Inputs to Common ................................................ –1V, +18V
Reference Out to Common ........................... Indefinite Short to Common
External Voltage Applied to RF (DAC702) ......................................... ±18V
External Voltage Applied to D/A Output (DAC701/703) .......... –5V to +5V
VOUT (DAC701/703) ....................................... Indefinite Short to Common
Power Dissipation ................................................................................. 1W
Storage Temperature ...................................................... –60
°C to +150°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
PIN ASSIGNMENTS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.


Similar Part No. - DAC703KP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC703KP TI-DAC703KP Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - DAC703KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com