Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD5583 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SCD5583
Description  Serial Input Dot Addressable Intelligent Display
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SCD5583 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SCD5583 Datasheet HTML 4Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 5Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 6Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 7Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 8Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 9Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 10Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 11Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2–8
SCD5580/5581/5582/5583/5584
The user can activate four Control functions. These include:
LED Brightness Level, Lamp Test, IC Power Down, or Display
Clear. OPCODEs and five bit words are used to initiate these
functions. The OPCODEs and Control Words for the Charac-
ter Address and Loading Column Data are shown in Tables 2
and 3.
Table 2. Load character address
Table 3. Load column data
Figure 10. Row and column location
Opcode
Character Address
Operation
Load
D7
D6
D5
D4
D3
D2
D1
D0
10100000A0
Character 0
10100001A1
Character 1
10100010A2
Character 2
10100011A3
Character 3
10100100A4
Character 4
10100101A5
Character 5
10100110A6
Character 6
10100111A7
Character 7
Opcode
Column Data
Operation Load
D7
D6
D5
D4
D3
D2
D1
D0
000C0
C1
C2
C3
C4
Row 0
001C0
C1
C2
C3
C4
Row 1
010C0
C1
C2
C3
C4
Row 2
011C0
C1
C2
C3
C4
Row 3
100C0
C1
C2
C3
C4
Row 4
off LED
on LED
Row 0
Row 1
Row 2
Row 3
Row 4
0 1 2 3 4
Columns
Previously “on” LED
The user can select seven specific LED brightness levels,
Table 4. These brightness levels (in percentages of full bright-
ness of the display) include: 100% (F0HEX), 53% (F1HEX),
40% (F2HEX ), 27% (F3HEX ), 20% (F4HEX ), 13% (F5HEX), and
6.6% (F6HEX ). The brightness levels are controlled by chang-
ing the duty factor of the row strobe pulse.
Table 4. Display brightness
The SCD558X offers a unique Display Power Down feature
which reduces ICC to less than 50 µA. When FFHEX is loaded,
as shown in Table 5, the display is set to 0% brightness and
the internal multiplex clock is stopped. When in the Power
Down mode data may still be written into the RAM. The dis-
play is reactivated by loading a new Brightness Level Control
Word into the display.
Table 5. Power down
The Lamp Test is enabled by loading F8HEX, Table 6, into the
serial shift register. This Control Word sets all of the LEDs to a
53% brightness level. Operation of the Lamp Test has no
affect on the RAM and is cleared by loading a Brightness
Control Word.
Opcode
Control Word
Hex
Operation
Level
D7
D6
D5
D4
D3
D2
D1
D0
11110000F0
100%
11110001F1
53%
11110010F2
40%
11110011F3
27%
11110100A4
20%
11110101F5
13%
11110110F6
6.6%
Opcode
Control Word
Hex Operation
D7
D6
D5
D4
D3
D2
D1
D0
11111111FF
0%
brightness
Figure 11. Row strobing
Row 0
Row 1
Row 2
Row 3
Row 4
0 1 2 3 4
Columns
Row 0
Row 1
Row 2
Row 3
Row 4
0 1 2 3 4
Columns
Row 0
Row 1
Row 2
Row 3
Row 4
0 1 2 3 4
Columns
Row 0
Row 1
Row 2
Row 3
Row 4
0 1 2 3 4
Columns
Row 0
Row 1
Row 2
Row 3
Row 4
0 1 2 3 4
Columns
ROW LOAD
LOAD ROW 0
LOAD ROW 1
LOAD ROW 2
LOAD ROW 3
LOAD ROW 4


Similar Part No. - SCD5583

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SCD5583A INFINEON-SCD5583A Datasheet
427Kb / 15P
   8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
More results

Similar Description - SCD5583

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SCE5780 OSRAM-SCE5780 Datasheet
777Kb / 15P
   Serial Input Dot Addressable Intelligent Display짰 Devices
logo
Siemens Semiconductor G...
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
   0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
   8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
OSRAM GmbH
SCD55100A OSRAM-SCD55100A Datasheet
699Kb / 17P
   Dot Addressable Intelligent Display짰 Devices
SCE5740 OSRAM-SCE5740 Datasheet
653Kb / 16P
   Dot Addressable Intelligent Display짰 Devices
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
   5x7 Dot Matrix Intelligent Display
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
logo
OSRAM GmbH
DLO4135 OSRAM-DLO4135 Datasheet
252Kb / 4P
   5 x 7 Dot Matrix Intelligent Display
logo
Siemens Semiconductor G...
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
   150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com