Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8690BDG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SP8690BDG
Description  200MHz첨8/9/10/11
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP8690BDG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SP8690BDG Datasheet HTML 1Page - List of Unclassifed Manufacturers SP8690BDG Datasheet HTML 2Page - List of Unclassifed Manufacturers SP8690BDG Datasheet HTML 3Page - List of Unclassifed Manufacturers SP8690BDG Datasheet HTML 4Page - List of Unclassifed Manufacturers SP8690BDG Datasheet HTML 5Page - List of Unclassifed Manufacturers SP8690BDG Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SP8690/SP8691
L
H
L
H
PE1
L
L
H
H
TRUTH TABLE FOR
CONTROL INPUTS
9
8
8
8
PE2
Division ratio
L
H
L
H
PE1
L
L
H
H
TRUTH TABLE FOR
CONTROL INPUTS
11
10
10
10
PE2
Division ratio
Fig. 5 Timing diagram, SP8691
Fig. 4 Timing diagram, SP8690
1200
1000
800
600
400
200
0
0
50
100
150
200
250
INPUT FREQUENCY (MHz)
* Tested as specified
in table of Electrical
Characteristics
GUARANTEED *
OPERATING
WINDOW
1125°C
255°C
Fig. 7 Typical input impedance. Test conditions: Supply Voltage = 5.0V,
Ambient Temperature = 25
°C. Frequencies in MHz, impedances normalised to 50Ω.
Fig. 6 Typical input characteristics, SP8690/1
6
tr
ts
5
5
CLOCK INPUT
PE INPUTS
ECL AND TTL
OUTPUTS
5
5
tr
ts
4
4
CLOCK INPUT
PE INPUTS
ECL AND TTL
OUTPUTS
4
j 2
j 1
j 0.5
j 0.2
0
2j 0.2
2j 0.5
2j 1
2j 2
1
0.5
0.2
j 5
2j 5
2
5
50
100
150
200


Similar Part No. - SP8690BDG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP8695A ETC-SP8695A Datasheet
729Kb / 4P
   LOW POWER ECL COUNTER WITH BOTH ECL 10K AND TTL COMPATIBLE OUTPUTS
SP8695B ETC-SP8695B Datasheet
729Kb / 4P
   LOW POWER ECL COUNTER WITH BOTH ECL 10K AND TTL COMPATIBLE OUTPUTS
More results

Similar Description - SP8690BDG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGB2010 TRIQUINT-TGB2010 Datasheet
283Kb / 7P
   6, 7, 8, 9, 10 & 11 GHz Filters
logo
Adels-Contact
157509 ADELS-157509 Datasheet
128Kb / 2P
   LEDtrack BU/11-9
158109 ADELS-158109 Datasheet
124Kb / 1P
   LEDtrack TAP/11-9 fix
logo
Zarlink Semiconductor I...
SP8647 ZARLINK-SP8647 Datasheet
271Kb / 7P
   250MHz 10/11
SP8643A ZARLINK-SP8643A Datasheet
1Mb / 5P
   350MHz 10/11
logo
Adels-Contact
158209 ADELS-158209 Datasheet
125Kb / 1P
   LEDtrack TAP/11-9 fly
logo
PHOENIX CONTACT
1670235 PHOENIX-1670235 Datasheet
57Kb / 3P
   Cover caps - Q-PROT 9/11
logo
HBH Microwave GmbH
HX5006 HBH-HX5006 Datasheet
67Kb / 3P
   9 - 11 GHz Double Balanced Mixer
logo
HARTING Technology Grou...
09-00-000-5061 HARTING-09-00-000-5061 Datasheet
448Kb / 2P
   REDUKTION M. O-RING PG 11-9
2021-10-01
logo
WOLFSPEED, INC.
CMPA801B030D1 WOLFSPEED-CMPA801B030D1 Datasheet
2Mb / 20P
   9 - 11 GHz, 40 W GaN HPA
Rev. 1.0, December 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com