Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3F2-7C4-M1-S Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3F2-7C4-M1-S
Description  M18 Cylindrical Photoelectric
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-7C4-M1-S Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3F2-7C4-M1-S Datasheet HTML 5Page - Omron Electronics LLC E3F2-7C4-M1-S Datasheet HTML 6Page - Omron Electronics LLC E3F2-7C4-M1-S Datasheet HTML 7Page - Omron Electronics LLC E3F2-7C4-M1-S Datasheet HTML 8Page - Omron Electronics LLC E3F2-7C4-M1-S Datasheet HTML 9Page - Omron Electronics LLC E3F2-7C4-M1-S Datasheet HTML 10Page - Omron Electronics LLC E3F2-7C4-M1-S Datasheet HTML 11Page - Omron Electronics LLC E3F2-7C4-M1-S Datasheet HTML 12Page - Omron Electronics LLC E3F2-7C4-M1-S Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
E3F2
E3F2
9
Operation Table – continued from previous page
Configuration
Model
Connection
method
Output
transistor
Output circuit
PNP
connector
E3F2-7B4-P1
E3F2-7B4-M1-M
E3F2-7B4-M1-C
E3F2-7B4-M1-S
E3F2-R2B4-P1
E3F2-R2RB4-M1
-M
E3F2-R2RB4-M1
-C
E3F2-R2RB4-M1
-S
E3F2-DS10B4-
P1
Connect the
pink and
brown wires
or open the
pink wire.
ON when
light is
incident.
(Light-ON)
Main
circuit
Light indicator
Red
100 mA max.
(control
output)
Blue
Black
Load
ZD
Brown (1) (See Note.)
(Mode selection)
ZD:VZ = 36 V
10 to
30 VDC
(4)
(3)
Pink (2)
P1
E3F2-DS10B4-
M1-M
E3F2-DS10B4-
M1-C
E3F2-DS10B4-
M1-S
E3F2-DS30B4-
P1
E3F2-DS30B4-
M1-M
E3F2-DS30B4-
M1-S
Connect the
pink and
blue wires.
ON when
light is in-
terrupted.
(Dark-ON)
(Mode selection)
100 mA max.
(control
output)
Blue
Black
Load
ZD
Main
circuit
Light indicator
Red
Brown (1) (See Note.)
10 to
30 VDC
ZD:VZ = 36 V
Pink
(4)
(3)
(2)
AC switching
E3F2-3Z1
E3F2-R2Z1
E3F2-DS10Z1-N
--- (Fixed)
ON when
light is
incident.
(Light-ON)
Main
Load
Light indicator
Brown
E3F2-3Z2
E3F2-R2Z2
E3F2-DS10Z2-N
ON when
light is in-
terrupted.
(Dark-ON)
200 mA max.
(control output)
Main
circuit
Red
Blue
Black
24 to
240 VAC
Blue
Note: Terminal numbers are for connector types.
J TIMING CHART
Light-ON Mode
Dark-ON Mode
Light indicator
(red)
Control
output
Load
(relay)
ON
OFF
ON
OFF
Operate
Release
Light indicator
(red)
Control
output
Load
(relay)
ON
OFF
ON
OFF
Operate
Release
Incident
Interrupted
Incident
Interrupted
Terminals/Connections
1
2
3
4
Output
0 V
Vcc
Mode selector


Similar Part No. - E3F2-7C4-M1-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F2-7C4-M1-M OMRON-E3F2-7C4-M1-M Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
More results

Similar Description - E3F2-7C4-M1-S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XU2N18KP9AAL5T SCHNEIDER-XU2N18KP9AAL5T Datasheet
125Kb / 2P
   Photoelectric sensors XU, XU2, transmitteur, cylindrical M18, 15 m
Jul 14, 2022
logo
Panasonic Semiconductor
CY-100 PANASONIC-CY-100 Datasheet
568Kb / 6P
   Cylindrical Photoelectric Sensor
CY-111A PANASONIC-CY-111A Datasheet
568Kb / 4P
   Cylindrical Photoelectric Sensor
logo
List of Unclassifed Man...
E3HT ETC1-E3HT Datasheet
167Kb / 4P
   8 mm Metal Cylindrical Photoelectric
logo
Schneider Electric
XGHB211345 SCHNEIDER-XGHB211345 Datasheet
123Kb / 4P
   RFID electronic tag - 13.56 MHz - cylindrical M18 - 256 Bytes
logo
Omron Electronics LLC
E3FZLS86H OMRON-E3FZLS86H Datasheet
1Mb / 17P
   Easy mounting photoelectric sensor in short M18 housing
logo
Schneider Electric
XX218A3NAM12Z81 SCHNEIDER-XX218A3NAM12Z81 Datasheet
109Kb / 2P
   ultrasonic sensor cylindrical M18 - 2 filling levels - Sn 0.5 m - NO - M12
Apr 17, 2023
XX518A3PAM12 SCHNEIDER-XX518A3PAM12 Datasheet
114Kb / 7P
   Ultrasonic sensors XX, ultrasonic sensor cylindrical M18, Sn 0.5 m, NO, M12 connector
Apr 17, 2023
XX518A3NAM12 SCHNEIDER-XX518A3NAM12 Datasheet
71Kb / 2P
   Ultrasonic sensors XX, ultrasonic sensor cylindrical M18, Sn 0.5 m, NO, M12 connector
Jan 12, 2022
XX2V1A1PKM12J14 SCHNEIDER-XX2V1A1PKM12J14 Datasheet
77Kb / 3P
   ultrasonic sensor cylindrical M18 - 2 levels - Sn 8 m - 2 NO - M12 connector
Apr 17, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com