Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IDT74LVC573A Datasheet(HTML) 4 Page - Integrated Device Technology

Part No. IDT74LVC573A
Description  3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74LVC573A Datasheet(HTML) 4 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74LVC573A
3.3VCMOSOCTALTRANSPARENTD-TYPELATCH
OPERATING CHARACTERISTICS, VCC = 3.3V ± 0.3V, TA = 25°C
Symbol
Parameter
Test Conditions
Typical
Unit
CPD
PowerDissipationCapacitanceperLatchOutputsenabled
CL = 0pF, f = 10Mhz
37
pF
CPD
PowerDissipationCapacitanceperLatchOutputsdisabled
4
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
7.7
1.5
6.9
ns
tPHL
xD to xQ
tPLH
PropagationDelay
8.4
2
7.7
ns
tPHL
LE to xQ
tPZH
OutputEnableTime
8.5
1.5
7.5
ns
tPZL
OE to xQ
tPHZ
OutputDisableTime
7
1.6
6.5
ns
tPLZ
OE to xQ
tW
Pulse Duration LE HIGH
3.3
3.3
ns
tSU
Set-up Time, data before LE
2—
2—
ns
tH
Hold Time, data after LE
1.5
1.5
ns
tSK(o)
OutputSkew(2)
——
1ns
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn