Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1666AEEP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1666AEEP
Description  Advanced Lithium-Ion Battery-Pack Protector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1666AEEP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1666AEEP Datasheet HTML 1Page - Maxim Integrated Products MAX1666AEEP Datasheet HTML 2Page - Maxim Integrated Products MAX1666AEEP Datasheet HTML 3Page - Maxim Integrated Products MAX1666AEEP Datasheet HTML 4Page - Maxim Integrated Products MAX1666AEEP Datasheet HTML 5Page - Maxim Integrated Products MAX1666AEEP Datasheet HTML 6Page - Maxim Integrated Products MAX1666AEEP Datasheet HTML 7Page - Maxim Integrated Products MAX1666AEEP Datasheet HTML 8Page - Maxim Integrated Products MAX1666AEEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Advanced Lithium-Ion
Battery-Pack Protector
_______________________________________________________________________________________
5
Note 1: Specifications to -40°C are guaranteed by design, not production tested.
ELECTRICAL CHARACTERISTICS
(VSRC = 16V, each cell voltage VCELL = 3.6V, 330kΩ load at REF, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TKO Pulldown Resistance,
MAX1666S/V/X
100
k
TKO Sink Current,
MAX1666A Only
VTKO = 16V
1
mA
Minimum B3P Voltage for
TKO Low
VSRC = VB3P + 1V, ITKO = 0.5mA
3.6
V
TKO Source Current
TKO = GND
1
mA
DSI, CGI Input High Voltage
Referenced to PKN
2
V
DSI, CGI Input Low Voltage
Referenced to PKN
0.45
V
DSI, CGI Input Current
VDSI = VCGI = 5V
1
µA
WRN Sink Current
Fault condition, VWRN = 0.4V
2
mA
PKF Sink Current
Fault condition, VPKF = 0.4V
4
mA
PKF, WRN Leakage Current
VPKF = VWRN = 27V
0.2
µA
Undervoltage, Overvoltage, or
Mismatch Fault, to
DSO, CGO,
TKO Transition Delay
tF-DELAY
Fault persistent for four consecutive sample
periods
180
460
ms


Similar Part No. - MAX1666AEEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666SEEE MAXIM-MAX1666SEEE Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666V MAXIM-MAX1666V Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666VEEP MAXIM-MAX1666VEEP Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666X MAXIM-MAX1666X Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
More results

Similar Description - MAX1666AEEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Shenzhen Huazhimei Semi...
HM5410G HMSEMI-HM5410G Datasheet
625Kb / 13P
   1 lithium-ion rechargeable battery pack
logo
Richtek Technology Corp...
RT9501A RICHTEK-RT9501A_07 Datasheet
209Kb / 9P
   Advanced Lithium-Ion Linear Battery Charger
logo
Texas Instruments
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
logo
Shenzhen Huazhimei Semi...
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com