Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC138ADT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74HC138ADT
Description  1-OF-8 DECODER / DEMULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HC138ADT Datasheet(HTML) 1 Page - Motorola, Inc

  MC74HC138ADT Datasheet HTML 1Page - Motorola, Inc MC74HC138ADT Datasheet HTML 2Page - Motorola, Inc MC74HC138ADT Datasheet HTML 3Page - Motorola, Inc MC74HC138ADT Datasheet HTML 4Page - Motorola, Inc MC74HC138ADT Datasheet HTML 5Page - Motorola, Inc MC74HC138ADT Datasheet HTML 6Page - Motorola, Inc MC74HC138ADT Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 6
© Motorola, Inc. 1995
10/95
1-of-8 Decoder/Demultiplexer
High–Performance Silicon–Gate CMOS
The MC54/74HC138A is identical in pinout to the LS138. The device
inputs are compatible with standard CMOS outputs; with pullup resistors,
they are compatible with LSTTL outputs.
The HC138A decodes a three–bit Address to one–of–eight active–low
outputs. This device features three Chip Select inputs, two active–low and
one active–high to facilitate the demultiplexing, cascading, and chip–select-
ing functions. The demultiplexing function is accomplished by using the
Address inputs to select the desired device output; one of the Chip Selects is
used as a data input while the other Chip Selects are held in their active
states.
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: 100 FETs or 29 Equivalent Gates
LOGIC DIAGRAM
7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Y7
9
10
11
12
13
14
15
3
2
1
CS1
CS2
A0
A1
A2
ACTIVE–LOW
OUTPUTS
ADDRESS
INPUTS
CS3
CHIP–
SELECT
INPUTS
5
4
6
PIN 16 = VCC
PIN 8 = GND
Inputs
Outputs
CS1CS2 CS3 A2 A1 A0 Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7
X
X
H
X
X
X
H
H
H
H
H
H
H
H
X
H
X
X
X
X
H
H
H
H
H
H
H
H
L
X
X
X
X
X
H
H
H
H
H
H
H
H
H
L
L
L
L
L
L
H
H
H
H
H
H
H
H
L
L
L
L
H
H
L
H
H
H
H
H
H
H
L
L
L
H
L
H
H
L
H
H
H
H
H
H
L
L
L
H
H
H
H
H
L
H
H
H
H
H
L
L
H
L
L
H
H
H
H
L
H
H
H
H
L
L
H
L
H
H
H
H
H
H
L
H
H
H
L
L
H
H
L
H
H
H
H
H
H
L
H
H
L
L
H
H
H
H
H
H
H
H
H
H
L
FUNCTION TABLE
H = high level (steady state); L = low level (steady state);
X = don’t care
MC54/74HC138A
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
A0
CS2
A2
A1
Y7
CS1
CS3
GND
Y3
Y2
Y1
Y0
VCC
Y5
Y4
Y6
D SUFFIX
SOIC PACKAGE
CASE 751B–05
N SUFFIX
PLASTIC PACKAGE
CASE 648–08
ORDERING INFORMATION
MC54HCXXXAJ
MC74HCXXXAN
MC74HCXXXAD
MC74HCXXXADT
Ceramic
Plastic
SOIC
TSSOP
1
16
1
16
1
16
DT SUFFIX
TSSOP PACKAGE
CASE 948F–01
J SUFFIX
CERAMIC PACKAGE
CASE 620–10
1
16


Similar Part No. - MC74HC138ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC138ADT ONSEMI-MC74HC138ADT Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
MC74HC138ADTR2 ONSEMI-MC74HC138ADTR2 Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
MC74HC138ADTR2 ONSEMI-MC74HC138ADTR2 Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74HC138ADTR2G ONSEMI-MC74HC138ADTR2G Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74HC138ADTR2G ONSEMI-MC74HC138ADTR2G Datasheet
142Kb / 10P
   1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
More results

Similar Description - MC74HC138ADT

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
   1-of-8 Decoder/Demultiplexer
logo
NXP Semiconductors
74ALS138 PHILIPS-74ALS138 Datasheet
76Kb / 8P
   1-of-8 decoder/demultiplexer
1996 Jul 03
logo
National Semiconductor ...
54F138DM NSC-54F138DM Datasheet
174Kb / 10P
   1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
   1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
   1-OF-8 DECODER/ DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com