Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM65-H3R9LF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM65-H3R9LF
Description  High Current Low Profile Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HM65-H3R9LF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM65-H3R9LF Datasheet HTML 1Page - List of Unclassifed Manufacturers HM65-H3R9LF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
28
HM65-H1R0LF
1.0
20.0
13.5
19.9
1.7
2.5
Standard
5.6
HM65-H1R8LF
1.8
15.3
11.5
15.2
2.9
3.4
Standard
5.6
HM65-H2R8LF
2.8
12.3
10.5
12.1
4.6
5.4
Standard
5.6
HM65-H3R9LF
3.9
10.5
8.3
11.4
5.2
8.0
Standard
5.6
HM65-H4R0LF
4.0
10.3
8.0
11.4
5.2
8.0
Standard
5.6
HM65-H5R6LF
5.6
8.8
7.5
8.1
10.2
11.4
Standard
5.6
HM65-H6R0LF
6.0
8.0
6.5
8.1
10.2
11.4
Standard
5.6
HM65-H7R2LF
7.2
7.8
6.0
7.8
11.4
13.5
Standard
6.0
HM65-1R5LF
1.5
14.0
10.5
17.1
2.3
2.5
Standard
5.6
HM65-2R5LF
2.5
10.0
8.0
15.2
2.9
3.4
Standard
5.6
HM65-6R0LF
6.0
6.7
4.5
11.5
5.1
8.0
Standard
5.6
HM65-8R2LF
8.2
5.8
4.5
8.1
10.2
11.4
Standard
5.6
HM65-100LF
10.0
5.0
4.0
7.8
11.3
13.5
Standard
5.6
HM65-P1R0LF
1.0
20.0
20.0
19.9
1.7
2.5
Standard
6.0
HM65-P1R2LF
1.2
18.0
18.0
19.9
1.7
2.5
Standard
6.0
HM65-P1R8LF
1.8
16.0
16.0
15.2
2.9
3.4
Standard
6.0
HM65-P2R5LF
2.5
10.0
10.0
15.2
2.9
3.4
Standard
6.0
HM65-M0R5LF
0.5
32.0
24.0
16.3
1.8
2.2
Mini
5.6
HM65-M0R8LF
0.8
20.0
16.0
16.3
1.8
2.2
Mini
5.6
HM65-M2R5LF
2.5
18.0
14.0
6.2
12.4
15.0
Mini
5.6
Specifications
Inductance (1)
Ht
Nominal
Rated DC Current(2)
Heating
DC Resistance(4)
Height
Part
µH
(Amps)
Current(3)
m
m
mm
Number
±20%
25
°C
130
°C
(Amps)
Typ.
Max.
Case Size
Max.
Notes:
(1) Inductance is measured at 100kHz, 0.1V without DC current.
(2) Rated DC current is the approximate current at which inductance will be decreased by 25% from its initial (zero DC) value.
(3) Heating current is the DC current which causes the inductor temperature to increase by approximately 40°C.
(4) DC resistance is measured at 25°C.
Outline Dimensions (mm)
• Operating Temperature Range
-40°C to +130°C
• Ambient Temperature, Maximum
80°C
• Insulation System
Class F, 155°C
High Current Low Profile Surface Mount Inductors
Electrical / Environmental
RoHS
Compliant

3
E
2
1
D
D
H
C
DUMMY
TERMINAL
G
F
P
J
M
N
K
I
L
B MAX
Top View
Side View
Bottom View
Recommended Solder Pad Layout
Refer to Specifications
Table


Similar Part No. - HM65-H3R9LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM65-H3R9LF BITECH-HM65-H3R9LF Datasheet
853Kb / 2P
   High Current Low Profile Surface Mount Inductors
HM65-H3R9LF BITECH-HM65-H3R9LF Datasheet
793Kb / 2P
   High Current Low Profile Surface
logo
TT Electronics.
HM65-H3R9LF TTELEC-HM65-H3R9LF Datasheet
1Mb / 2P
   High Current Low Profile Surface Mount Inductors
More results

Similar Description - HM65-H3R9LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM100 ETC1-HM100 Datasheet
295Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM100 BITECH-HM100 Datasheet
295Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM65 TTELEC-HM65 Datasheet
1Mb / 2P
   High Current Low Profile Surface Mount Inductors
HM69 TTELEC-HM69 Datasheet
1Mb / 3P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM69 BITECH-HM69_15 Datasheet
1Mb / 3P
   High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM100 TTELEC-HM100 Datasheet
807Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM69 BITECH-HM69 Datasheet
1Mb / 3P
   High Current Low Profile Surface Mount Inductors
HM65 BITECH-HM65 Datasheet
853Kb / 2P
   High Current Low Profile Surface Mount Inductors
HM74 BITECH-HM74 Datasheet
49Kb / 3P
   High Frequency High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM36 TTELEC-HM36 Datasheet
578Kb / 2P
   High Current Low Profile Low Loss Ferrite Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com